Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 38 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 38 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 34Page - Mitel Networks Corporation ACE9050 Datasheet HTML 35Page - Mitel Networks Corporation ACE9050 Datasheet HTML 36Page - Mitel Networks Corporation ACE9050 Datasheet HTML 37Page - Mitel Networks Corporation ACE9050 Datasheet HTML 38Page - Mitel Networks Corporation ACE9050 Datasheet HTML 39Page - Mitel Networks Corporation ACE9050 Datasheet HTML 40Page - Mitel Networks Corporation ACE9050 Datasheet HTML 41Page - Mitel Networks Corporation ACE9050 Datasheet HTML 42Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
ACE9050
38
TXDATA
8-BIT SHIFT
REGISTER
LOAD
DATA 7:0
C
Q7
TXDATIN
MODPRT1
ENAMPI
MODPRT0
TXD REGISTER
IRQTX
DATA BUS
AMPS 100
µs
TACS 125
µs
CLOCK
Fig. 22 Modem Transmitter block diagram
WRITE 1st DATA
BYTE TO TXD
REGISTER
ENABLE ENAMPI
(1st DATA BYTE
TRANSMITTED)
WRITE 2nd DATA
BYTE TO TXD
WRITE 3rd DATA
BYTE TO TXD
(2nd DATA BYTE
TRANSMITTED)
WRITE LAST DATA
BYTE TO TXD
(LAST – 1
DATA BYTE
TRANSMITTED)
LAST DATA BYTE
TRANSMITTED
IRQTX
IRQTX
IRQTX
IRQTX
IRQTX
IRQTX
IRQTX
ENABLE
INTERRUPT
DISABLE
ENAMPI
Fig. 23 Modem transmission sequence
generating a square wave at the bit rate and EXORing the
generated clock with the relevant bit, for the bit period. The output
can then be inverted, if this is required by the system designer.
A block diagram is shown in Fig. 22.
No data manipulation is made by the encoder hardware. The
software must generate the dotting and Word sync patterns and
the BCH coding.
If the Transmitter is enabled the contents of the TXD register
will be transmitted on an IRQ-TX interrupt, regardless of whether
this register has been updated. This enables the generation of an
ST tone with no overhead on the processor, other than timing the
required duration. The software must simply write FFH or 00H to
the TXD.
Associated Registers (Tables 80, 81 and 82)
MODPRT2 This is a read/write port used for data transfer
Write
ENAMPI MODPRT 0 bit 3
Bit
0
1
TX output disabled
TX output enabled
Function
Bit
7:0 TXD[7:0] Data byte to transmit (bit 7 transmitted first)
Name
Function
Table 80
TXDINV MODPRT 1 bit 6
Bit
0
1
True Data output
Inverse Data output
Function
Table 81
Table 82
Data transmission sequence
Table 83 and Fig. 23 describe the correct sequence for
transmitting a Data message. Note that in the 5th step (Set
ENAMPI high quickly) the latency between the IRQ-TX and
setting ENAMPI will cause part of the first byte not to be
transmitted. This byte will always be part of a dotting sequence,
so this will not cause a degradation in data, however it is
desirable to reduce this time to a minimum.
Step
1
2
3
4
5
6
7
8
9
10
11
12
Enable IRQ-TX interrupt
Wait for IRQ-TX interrupt
Write Data byte to TXD
Wait for IRQ-TX interrupt
Set ENAMPI high quickly
Write Data byte to TXD
Wait for IRQ-TX interrupt
Repeat steps 6 and 7 until last byte
Write last byte
Wait for IRQ-TX interrupt
Wait for IRQ-TX interrupt
Disable ENAMPI
Action
Table 83 Modem transmission sequence
SAT MANAGEMENT
The SAT Management circuitry consists of a SAT detector,
SAT generator and a multiplexer. Refer to the External Pins
section of the General Description for details of the two external
pins: RXSAT and TXSAT .
SAT Detector
The SAT Detector measures the frequency of the signal on
RXSAT input. When the Modem is configured for a Voice
channel (VC_CCN high) a SAT measurement will occur every 10
to 12 ms. The SAT receiver measures the duration of 64 SAT
cycles and depending on the result determines the SAT value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com