Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 25 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 25 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 21Page - Mitel Networks Corporation ACE9050 Datasheet HTML 22Page - Mitel Networks Corporation ACE9050 Datasheet HTML 23Page - Mitel Networks Corporation ACE9050 Datasheet HTML 24Page - Mitel Networks Corporation ACE9050 Datasheet HTML 25Page - Mitel Networks Corporation ACE9050 Datasheet HTML 26Page - Mitel Networks Corporation ACE9050 Datasheet HTML 27Page - Mitel Networks Corporation ACE9050 Datasheet HTML 28Page - Mitel Networks Corporation ACE9050 Datasheet HTML 29Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
ACE9050
25
caused by the software code entering an illegal state. This could
be due to an incorrect sequence being entered by the user or a
glitch on either the data or address bus causing the wrong
instruction to be executed.
The Watchdog is a 4-second counter which is always counting
and when it overflows a system reset is generated. This will reset
the ACE9050 and drive the external reset low for 100ms. It will
not reset POFFN, so the phone will not turn off. Refer to the
‘Autonomous Time Out (ATO)’ section for more details. To
prevent the system reset the Watchdog counter must be cleared.
This will prevent the system reset for 4 seconds. The following
actions clear the Watchdog counter:
1. In service mode the counter is permanently cleared, preventing
the system reset.
2. MRN low clears the Watchdog counter. The counter thus
starts when MRN goes high.
3. The processor making a write access to the Watchdog
register.
Thus in normal operation the software code must be sure to
access the Watchdog register once every 4 seconds to prevent
a reset.
External Pins
MRN Master Reset (pin 91)
ThisactivelowinputcompletelyresetstheACE9050Inte~rated
circuit. It prevents the Watchdog timer from counting. The
ACE9050 will be reset for the duration of the MRN pulse plus an
additional 100ms. The clock must be running for the device to
reset correctly.
EXRESN External Reset (pin 89)
This active low output is provided for an external reset
function. It is active for a minimum of 100ms in the case of a
Watchdog reset. In the case of a MRN reset EXRESN will be low
for the duration of MRN being low plus an additional 100ms, as
shown in Fig. 18.
devices in an I2C system is very simple because they connect
directly to the two bus lines: a serial data line (SDA) and a serial
clock line (SCL). A prototype system or final product version can
easily be modified by ‘clippinq’ or ‘unclipping’ ICs to or from the
bus. The I2C is a reliable, multi-Master bus with integrated
addressing and data transfer protocols. The multi-Master
capability of the I2C is very important, although many designs do
not require it.
Both lines of the I2C bus are connected to a positive supply
via a pull-up resistor, and remain high when the bus is not
busy. Each device is recognised by a unique address, and
can operate as either a transmitter or a receiver, depending
upon the function of the device.
When a data transfer takes place on the bus, a device can
either be a Master or a Slave. The device which initiates the
transfer, and generates the clock signals for this transfer, is
the Master. At that time, any device addressed is considered
to be a Slave. It is important to note that a Master could either
be a transmitter or a receiver; a Master microcontroller may
send data to an EEPROM acting as a transmitter, and then
interrogate the EEPROM for its contents acting as a receiver,
in both cases performing as the Master initiating the transfer.
In the same manner, a Slave could be both a receiver and a
transmitter.
One data bit is transferred during each clock pulse. The
data on the SDA line must remain stable during the high
period of the clock pulse in order to be valid. Changes in the
data line at this time will be interpreted as control signals. A
high to low transition of SDA with SCL high indicates a Start
condition, and a low to high transition of SDA whilst SCL is
high defines a Stop condition. The bus is considered to be
busy after a Start condition and free at a certain time interval
after a Stop condition. These conditions are always generated
by the Master.
Each byte is transmitted serially with the MSB first. The
byte is 8 bits long followed by an acknowledge bit. The clock
pulse related to the acknowledge bit is generated by the
Master. The device acknowledging must pull down the SDA
line during this clock pulse, whilst the transmitting device
releases the SDA line (pulled high) during this pulse. A Slave
receiver must generate an acknowledge after the reception of
each byte. If the receiving device cannot receive the data byte
immediately, it can force the transmitter to wait by holding the
SCL line low.
Each device on the bus has its own unique address. The
address of the microcontoller is fully programmable whereas
peripheral devices usually have fixed and programmable
portions. Before any data is transmitted on the bus, the
Master transmits on the bus the address of the Slave to be
accessed. The Slave should acknowledge the Master’s
addressing. The addressing is done by the first byte transmitted
by the Master after the start condition.
An address on the network is seven bits long, appearing as
the most significant bits of the address byte. The last bit is a
direction (R/W) bit, with a 0 indicating that the Master is
transmitting (WRITE) and a 1 indicates that the Master is
requesting data (READ). When an address is sent, each
device on the system compares the address with its own. If
there is a match the device will consider itself addressed and
send an acknowledge.
In addition to the above ‘standard’ addressing, the I2C bus
protocol allows for ‘general call’ addressing and interfacing to
CBUS devices. Fig. 19 shows a complete data transfer, comprised
of an address byte indicating a WRITE and two data bytes. It also
indicates the Start and Stop conditions .
Fig. 18 EXRESN reset
MRN I/P
100ms
EXRESN O/P
Associated Registers
REWD
A write access to this address will clear the watchdog 4-
second counter.
10. I2C INTERFACE
General
The ACE9050 I2C provides an interface between an I2C bus
and a microprocessor. Details of the I2C bus specification can be
found in the
Philips Components Technical Handbook.
The I2C bus allows integrated circuits to communicate directly
with each other via a bidirectional 2-wire bus. Interfacing the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com