Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 33 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 33 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 29Page - Mitel Networks Corporation ACE9050 Datasheet HTML 30Page - Mitel Networks Corporation ACE9050 Datasheet HTML 31Page - Mitel Networks Corporation ACE9050 Datasheet HTML 32Page - Mitel Networks Corporation ACE9050 Datasheet HTML 33Page - Mitel Networks Corporation ACE9050 Datasheet HTML 34Page - Mitel Networks Corporation ACE9050 Datasheet HTML 35Page - Mitel Networks Corporation ACE9050 Datasheet HTML 36Page - Mitel Networks Corporation ACE9050 Datasheet HTML 37Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
ACE9050
33
Fig.20 AMPS/TACS Modem and SAT Controller
Associated Registers
The Modem has 3 dedicated registers for control and data
transfer. There are also bits in the general registers PORT3 and
PORT4 which are used to set up the Modem. The bits are
described in more detail in the relevant section.
MDMSLP PORT3[3] (Table 59)
This bit determines whether the modem is active or in sleep
mode. The modem is put into sleep mode by turning off the clock
to the Modem and associate circuitry.
Table 59
MDMSLP
0
1
Active
Sleep
Modem mode
ENMOD PORT3[7]
This bit is used to set up the Modem. It must be set to 1 by the
software after a reset and before the Modem is used. It should
then remain at 1.
SATMUX PORT4[2] (Table 60)
This bit is used to control the source of the Transmitted SAT
signal.
SATMUX
0
1
Locally generated SAT
RXSAT
Multiplexer output
Table 60
NOMPLL PORT4[4] (Table 61)
In the Data Decoder the modem uses a locally generated
clock to recover the data. NOMPLL selects whether this clock is
forced to lock to the extract Data clock or not. Refer to Data
Decoder section for more detail.
NOMPLL
0
1
Normal mode: Data clock locked to incoming clock
Free-running: Data clock unlocked
Decoder clock
Table 61
MODPRT0 (Table 62)
This is a dedicated read/write port used for controlling the
Modem;
Bit
Function
0 = Reset Modem
1 = Modem enabled
0 = TACS Modem
1 = AMPS Modem
[5:4] bits: SAT generator
00 = 5·97kHz
01 = 6·00kHz
10 = 6·03kHz
11 = No SAT transmitted
0 = TX output disabled
1 = TX output enabled
0 = Capture mode
1 = Sync mode
0 = Word sync disabled
1 = Receiver will re-synchronise
0 = Control channel
1 = Voice channel
7
6
[5: 4]
3
2
1
0
Name
MDRESN
A_TN
SCCTX [1:0]
ENAMPI
SYNDET
ENWS
VC_CCN
Table 52
Table 63
Bit
Function
Must always be set to 0
0 = TX Data not inverted
1 = TX Data inverted
0 = RX Data not inverted
1 = RX Data inverted
0 = Discriminator enabled
1 = Discriminator bypassed (Test)
Set the squelch threshold level
7
6
5
4
3: 0
Name
MDMTST
TXDINV
RXDINV
LF1_2
SQLEV [3: 0]
MODPRT1
This is a dedicated read/write port used for controlling the
Modem.
Write (Table 63)
SAT
DECODER
SAT
TRANSMITTER
MICRO DATA BUS
AND CONTROL
DATA RECEIVER
WORD SYNC DET
DATA DECODER
DISCRIMINATOR
DATA
TRANSMITTER
AFC/RXDATA
RXSAT
TXSAT
TXDATA
ACE9050
DEMODULATOR
AFCIN
450kHz
504kHz
ACE9030
ACE9040
AUDIO
54kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com