Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 30 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 30 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 26Page - Mitel Networks Corporation ACE9050 Datasheet HTML 27Page - Mitel Networks Corporation ACE9050 Datasheet HTML 28Page - Mitel Networks Corporation ACE9050 Datasheet HTML 29Page - Mitel Networks Corporation ACE9050 Datasheet HTML 30Page - Mitel Networks Corporation ACE9050 Datasheet HTML 31Page - Mitel Networks Corporation ACE9050 Datasheet HTML 32Page - Mitel Networks Corporation ACE9050 Datasheet HTML 33Page - Mitel Networks Corporation ACE9050 Datasheet HTML 34Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
ACE9050
30
4. Transmit Stop When all bytes have been transmitted the STP
bit should be set. The ACE9050 I2C will then transmit a STOP
condition, clear the STP bit and return to the idle state. If the Slave
receiver cannot receive any more data it must indicate this to the
Master by generating the Not Acknowledged condition.
Master Receive
In the Master receive mode the ACE9050 I2C will receive a
number of bytes from a Slave transmitter. The sequence is not
dissimilar to that for Transmit. For some memory devices a
‘dummy write’ may be required to transmit the word address
before the read operation.
Before the master receiver mode can be entered the
I2C_CNTR register should be initialised as for enterinq master
transmit mode.
1. Transmit Start Condition The master receive mode is
entered by setting the STA bit to one. The ACE9050 I2C will then
test the I2C bus and will transmit a START condition when the bus
is free. After the START condition has been transmitted the IFLG
bit will be set and status code 08H will be in the I2C_STAT
register. If a repeated START condition has been transmitted
then the status code will be 10H instead of 08H .
2. Transmit Slave address and Read The I2C_DATA register
should be loaded with the address of the Slave in bits[7:1] and
bit[0] set to 1 to specify read. The IFLG bit should now be cleared
to 0 before the transfer can continue. When the Slave address
and read bit have been transmitted and an acknowledge bit
received, the IFLG bit will be set again. A number of status codes
are possible in the STAT register; these are shown in Tables 51
and 52.
3. Receive Data If the code 40H has been detected it can be
assumed that a Slave has detected its address and when the
IFLG is cleared the ACE9050 will begin to clock in valid data
on the SDA line. After each data byte has been received the
IFLG will be set, and require clearing. One of three status
codes wil be in the I2C_STAT register, as shown in Tables 53
and 54.
Clear IFLG, AAK = 0
Clear IFLG, AAK = 1
(a) Set STA, clear IFLG
(b) Set STP, clear IFLG
(b) Set STA and STP, clear IFLG
Addr and Read transmitted, ACK received
Addr and Write transmitted, ACK not received
40H
48H
Next I2C action
Micro response
ACE9050 I2C state
Code
Receive Data byte, transmit Not ACK
Receive Data byte, transmit ACK
Transmit repeated START
Transmit STOP
Transmit STOP then START
Table 51 Possible status codes after Slave address has been transmitted with the ACE9050 as the only bus Master
As for Master transmit
As for Master transmit
As for Master transmit
38H
68H
78H
B0H
Next I2C action
Micro response
ACE9050 I2C state
Code
Table 52 Possible extra status codes after Slave address has been transmitted with multiple bus Masters
Data byte received, ACK transmitted
Data byte received, Not ACK transmitted
50H
58H
Next I2C action
Micro response
ACE9050 I2C state
Code
ReceiveData byte, transmit Not ACK
Receive Data byte, transmit ACK
Transmit repeated START
Transmit STOP
Transmit STOP then START
Read Data, clear IFLG, AAK = 0
Read Data, clear IFLG, AAK = 1
(a) Read Data, set STA, clear IFLG
(b) Read Data, set STP, clear IFLG
(b) Read Data, set STA and STP,
clear IFLG
Table 53 Possible status codes after Data has been received in multi-Master system
As for Master transmit
As for Master transmit
Arbitration lost
38H
Next I2C action
Micro response
ACE9050 I2C state
Code
Table 54 Possible status codes after Data has been received in multi-Master system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com