Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  ACE9050 Datasheet HTML 1Page - Mitel Networks Corporation ACE9050 Datasheet HTML 2Page - Mitel Networks Corporation ACE9050 Datasheet HTML 3Page - Mitel Networks Corporation ACE9050 Datasheet HTML 4Page - Mitel Networks Corporation ACE9050 Datasheet HTML 5Page - Mitel Networks Corporation ACE9050 Datasheet HTML 6Page - Mitel Networks Corporation ACE9050 Datasheet HTML 7Page - Mitel Networks Corporation ACE9050 Datasheet HTML 8Page - Mitel Networks Corporation ACE9050 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
ACE9050
4
Internal
Description
Connect to VDD
Crystal connection CMOS input: 8·064 MHz
Crystal connection
CPU Port2 bit 4 or Serial interface (SCI) output
Address strobe (Latch Address during Emulation)
Baud Rate Gen. output for Emulation
(lnput in test mode)
PORT 1 of CPU
PORT 1 of CPU
PORT 1 of CPU/I2C SCL
Ground
Digital Supply
PORT 1 of CPU
PORT 1 of CPU/I2C SDA
PORT 1 of CPU
PORT 1 of CPU
PORT 1 of CPU
Ground
Data bus
(and Emulation Address A7 Input)
Data bus
(and Emulation Address A6 Input)
Data bus
(and Emulation Address A5 Input)
Data bus
(and Emulation Address A4 Input)
Data bus
(and Emulation Address A3 Input)
Data bus
(and Emulation Address A2 Input)
Data bus
(and Emulation Address A1 Input)
Data bus
(and Emulation Address A0 Input)
Output Enable
Write Enable
C/S External EPROM
C/S External EEPROM
Address bus
Address bus
Address bus
Address bus
Address bus
Address bus
Ground
Ground
Digital Supply for Memory Interface (pins18-35, 38-50)
Address bus
Address bus
Address bus
(Input during Emulation)
Address bus
(Input during Emulation)
Address bus
(Input during Emulation)
Address bus
(Input during Emulation)
Address bus
(Input during Emulation)
Address bus
(Input during Emulation)
Address bus (Extended Address: From Bank Select Register)
Address bus (Extended Address: From Bank Select Register)
Address bus (Extended Address: From Bank Select Register)
Address bus (Extended Address: From Bank Select Register)
Received SAT input
Bit 2 Input Port1
Bit 3 Input Port1
Bit 4 Input Port1
Keypad scan output/output port
Keypad scan output/output port
Keypad scan output/output pon
Keypad scan output/output port
Keypad scan output/output port
54/450kHz IF input fromACE9030
Power detect from transmitter
SAT Output
TACS / AMPS Modem Output
Digital Supply
Digital Supply
PU
None
-
None
PU
PU
None
None
None
-
-
None
None
None
None
None
-
None
None
None
None
None
None
None
None
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
None
None
None
None
None
None
-
-
-
-
None
None
None
None
-
-
-
-
-
None
None
-
-
-
-
Pin
TESTN
XIN
XOUT
DFMS/P2 [4]
AS
BAUDCLK
P1[7]
P1[6]
P1[4]/SCL
VSS
VDD
P1[5]
P1[3]/ SDA
P1[2]
P1[1]
P1[0]
VSS
D7
D6
D5
D4
D3
D2
D1
D0
OEN
WEN
CSEPN
CSE2N
A0
A1
A2
A3
A4
A5
VSS
VSS
VDDM
A6
A7
A8
A9
A10
A11
A12
A13
BA14
BA15
BA16
BA17
RXSAT
INP1 [2]
INP1 [3]
INP1 [4]
KPO [0]
KPO [1]
KPO [2]
KPO [3]
KPO [4]
AFC/RXDATA
TXPOW
TXSAT
TXDATA
VDD
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
Name
PIN DESCRIPTIONS
Table 1
Cont…
CLK/WDATO
CLK
CLK
CPU
BINT
BAUD
CPU
CPU
CPU / I2C
CPU
CPU / I2C
CPU
CPU
CPU
BINT
BINT
BINT
BINT
BINT
BINT
BINT
BINT
DEC
DEC
MEMB
MEMB
BINT
BINT
BINT
BINT
BINT
BINT
BINT
BINT
BINT
BINT
BINT
BINT
BINT
BINT
MEMB
MEMB
MEMB
MEMB
MODEM
EPORT
EPORT
EPORT
EPORT
EPORT
EPORT
EPORT
EPORT
IFC/MODEM
WDATO
MODEM
MODEM
Block
Type
I
I
O
I/O
I
O
(I)
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
O
O
O
O
O
O
O
O
O
O
O
O
O
(I)
O
(I)
O
(I)
O
(I)
O
(I)
O
(I)
O
O
O
O
I
I
I
I
O
O
O
O
O
I
I
O
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com