Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 43 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 43 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 39Page - Mitel Networks Corporation ACE9050 Datasheet HTML 40Page - Mitel Networks Corporation ACE9050 Datasheet HTML 41Page - Mitel Networks Corporation ACE9050 Datasheet HTML 42Page - Mitel Networks Corporation ACE9050 Datasheet HTML 43Page - Mitel Networks Corporation ACE9050 Datasheet HTML 44Page - Mitel Networks Corporation ACE9050 Datasheet HTML 45Page - Mitel Networks Corporation ACE9050 Datasheet HTML 46Page - Mitel Networks Corporation ACE9050 Datasheet HTML 47Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
ACE9050
43
PORT5 Read/Write (Note 1)
Bits
5:4
0
OUT2.2_SEL
PWM1MUX
00 = OUT_PORT2[2] (Note 2)
01 = PWM2
10 = Latch 2
11 = Not valid
0 = PWM1
1 = OUT_PORT2[1] (note 2)
Name
Description
NOTES
1. These register bits are also described in the External Ports and
Multiplexer section.
2. Reset state.
Table 95
6. BEEP ALARM RING (BAR) TONE GENERATOR
TheACE9050providesaBeepAlarmandRingTonegenerator
unit. This provides a digital output pulse train. The high and low
time can be programmed with software. It is thus possible to vary
the output tone frequency, period and volume. The pulse train
can also be disabled whereupon the output will be set low. Within
the system this output can be used to control a buzzer driver.
External Pin
BAR Output (Pin 96)
CMOS output which is determined by the state of the registers
in the BAR block (BARHIGH, BARLOW and BARENABLE).
Associated Registers
Write
Register
BARHIGH
BARLOW
BARENABLE
BAR ON time
BAR OFF time
0 = BAR output low
1 = BAR output pulsing
Description
Bits
7:0
7:0
0
Table 96
Programming
The two programmable 8-bit registers determine the ON and
OFF times in steps of approximately 8
µs (7·9µs). The maximum
ON and OFF times are approximately 2ms each (2·02ms). The
following formula is used to calculate the actual times:
BAR ON Time = (2562BARHIGH[7:0])37·93
µs
BAR OFF Time = (2562BARLOW[7:0])37·93
µs
7. KEYPAD INTERFACE AND CHIP IDENTITY
The Keyboard interface consists of a 5-bit output port, a 4-bit
input port and associated registers to read, write and configure
the ports (see Fig. 25).
Alternatively these ports can be used for general I/O. The
output port drive configuration can be set via software to provide
the system designer with full flexibility. The port has tristate
output buffers, controlled by the KPOT register. By programming
KEYP and KPOT appropriately the outputs can be configured to
drive in the following ways:
High impedance
Driving logic output (high or low)
Open drain
Open source.
[3:0]
KPI INPUTS
KEYP
WRITE
KEYP
READ
5
5
[7:4]
IDENT
5
4
KPOT
DATA BUS
DATA BUS
KPO [4:0]
KPI [ 3:0]
59-55
66-69
010
Fig. 25 Keyport configuration
Output Port
The output port has five individual outputs, which can be used
as scanning outputs connected to a keyboard matrix, or can be
used for other general purposes .
External Pins
KP0[4: 0] Outputs (Pins 59: 55)
The state of these outputs are defined by the respective bits in
the internal registers KEYP and KPOT.
Associated Registers
KEYP Write
Keypad output port register
Description
Bits
4:0
Table 97
KPOT Write
Output Port driver configuration
Description
Bits
4:0
0 = Output driven to level set by relevant KEYP bit
1 = Output tristate
Sets or clears associated bit in Output Port register
Table 98
Programming Examples
The following bit patterns thus yield the following output
configurations:
KPOT
Output
Description
Logic drive
Logic drive
Open drain
Open drain
Open source
Open source
High impedance
0
0
0
1
0
1
1
0
1
0
Z
1
Z
Z
0
1
0
0
1
1
X
Table 99
KEYP
Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com