Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 2Page - Mitel Networks Corporation ACE9050 Datasheet HTML 3Page - Mitel Networks Corporation ACE9050 Datasheet HTML 4Page - Mitel Networks Corporation ACE9050 Datasheet HTML 5Page - Mitel Networks Corporation ACE9050 Datasheet HTML 6Page - Mitel Networks Corporation ACE9050 Datasheet HTML 7Page - Mitel Networks Corporation ACE9050 Datasheet HTML 8Page - Mitel Networks Corporation ACE9050 Datasheet HTML 9Page - Mitel Networks Corporation ACE9050 Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
ACE9050
6
ELECTRICAL CHARACTERISTICS
The Electrical Characteristics are guaranteed over the following range of operating conditions (unless otherwise stated):
T
AMB =
240
°C to 185°C, V
DD = 3·6V to 5·5V, VDDM = 3·0V to 5·5V (note 2)
Characteristic
Conditions
DC CHARACTERISTICS
Value
Typ.
Max.
Min.
Units
Symbol
1·008MHz ECLK, VDD = 5V
2·016MHz ECLK, VDD = 5V
No clock & osc. powered down
IOH = 2mA, VDD > 3·6V
IOL = 1mA, VDD < 3·6V
IOH = 2mA, VDD > 3·6V
IOL = 1·5mA, VDD < 3·6V
VDD > 3·6V
VDD = 3·6V
VDD > 3·6V
VDD = 3·6V
No Pullup/down cell
No Pullup/down cell
VDD = 5·5V, TAMB = 25°C
Supply current (Normal clock)
Supply current (Turbo clock)
Supply current (Static)
Input high voltage
Input low voltage
Output high voltage
Output low voltage
High current drive O/P source (pins 76 & 79)
High current drive O/P sink (pins 76 & 79)
Tristate leakage current
Input leakage current
Pullup/down resistance
0·7VDD
20·5
0·8VDD
35
3·5
6·0
150
0·92VDD
0·2
IDDNOR
IDDTUR
IDDSB
VIH
VIL
VOH
VOL
IOHHI
IOLHI
IOZ
IIN
RIN
mA
mA
µA
V
V
V
V
mA
mA
µA
µA
k
Ω
0·2VDD
0·4
10
6
10
9
1
1
150
NOTES
1. The DC Characteristics Min. and Max figures are guaranteed by test.
2. The voltage on VDDM must be less than or equal to VDD.
Characteristic
Value
Typ.
Max.
Min.
Conditions
Units
Symbol
AC CHARACTERISTICS (CLOCKS and CRYSTAL)
Oscillator frequency
Oscillator external I/P
AC coupling capacitor
External resistor
External capacitors
Crystal ESR
Startup time
Radio serial control bus
Microprocessor clock
Microprocessor clock
Clock output
Watchdog time out
Autonomous time out
470
fOSC
fIP
CCOUPLE
R1
C1, C2
XTALESR
tSU
C1008
ECLK1
ECLK2
CPUCL
WDTO
ATOTO
8·064
8·064
10
1000
22
1·008
1·008
2·016
8·064
4
30
MHz
MHz
nF
k
Ω
pF
Ω
ms
MHz
MHz
MHz
MHz
s
s
120
5
External crystal
CMOS/800mV sine I/P AC coupled
Sine input
Crystal oscillator
Crystal oscillator (note 1)
Crystal oscillator
Crystal oscillator
Normal clock
Turbo clock
Output enabled
Normal Mode
Normal Mode
NOTES
1. Refer to crystal manufacturer for exact deatils.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com