Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 5Page - Mitel Networks Corporation ACE9050 Datasheet HTML 6Page - Mitel Networks Corporation ACE9050 Datasheet HTML 7Page - Mitel Networks Corporation ACE9050 Datasheet HTML 8Page - Mitel Networks Corporation ACE9050 Datasheet HTML 9Page - Mitel Networks Corporation ACE9050 Datasheet HTML 10Page - Mitel Networks Corporation ACE9050 Datasheet HTML 11Page - Mitel Networks Corporation ACE9050 Datasheet HTML 12Page - Mitel Networks Corporation ACE9050 Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
ACE9050
9
Description
Symbol
Units
Turbo clock
Typ.
Max.
Min.
Normal clock
Typ.
Max.
Min.
tCYC
tECLRWV
tECLADV
tECLADI
tADVASL
tASLADI
tDAV-W
tDAI-W
tDAV-R
tDAI-R
Cycle time
Read/Write settling time
Address delay time
Address hold time
Address to latch set-up time
Address to latch hold time
Data set-up time - WRITE
Data hold time - WRITE
Data set-up time - READ
Data hold time - READ
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
160
160
0
60
30
50
1
80
1
992
250
250
Table 5 6303 Emulation Mode Read/Write cycles timing
EMULATION MODE PROCESSOR INTERFACE
Read and Write Cycles
0
20
20
50
1
80
1
496
tCYC
ECLK
AS
R/W
A[15:8]
A[7:0] / D[7:0]
tECLADI
tECLRWV
tECLADV
tADVASL
tASLADI
INVALID
STABLE
INVALID
tDAV
tDAI
AD[7:0]
DA[7:0]
Fig.6 ACE9050 6303 Emulation mode Read/Write cycles timing diagram
Emulation Mode Timing Cycle Conditions
Input clock ECLK frequency = 1·008MHz (Normal clock), 2·016MHz (Turbo clock), TAMB = 125°C, VDD = 15V 610%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com