Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  ACE9050 Datasheet HTML 1Page - Mitel Networks Corporation ACE9050 Datasheet HTML 2Page - Mitel Networks Corporation ACE9050 Datasheet HTML 3Page - Mitel Networks Corporation ACE9050 Datasheet HTML 4Page - Mitel Networks Corporation ACE9050 Datasheet HTML 5Page - Mitel Networks Corporation ACE9050 Datasheet HTML 6Page - Mitel Networks Corporation ACE9050 Datasheet HTML 7Page - Mitel Networks Corporation ACE9050 Datasheet HTML 8Page - Mitel Networks Corporation ACE9050 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
ACE9050
5
Internal
Description
Keypad scan input/input port
Keypad scan input/input port
Keypad scan input/input port
Keypad scan input/input port
External Interrupt (also Bit1 Input Port1)
External Interrupt (also Bit0 Input Port1)
SynthBus Data Line
SynthBus 126kHz Clock
1 = Service Mode
Latch, programmable length. (To ACE9030, LATCHC pin)
Output Port2 Bit 6: High Current Driver
IF Counter Output for Emulation
(input in Test mode)
Latch O/P (To ACE9030 receiver Interface, LATCHB pin)
Output Port2 Bit 7: High Current Driver
Latch O/P (To ACE9040, LEN )
Output Port2 Bit 2/Pulse Width Modulator #2 Output/
SynthBus Latch O/P.
Bidirectional serial inter-chip data, to/from the ACE9030
1 = CPU Emulation Mode
CPU Interrupt for Emulation
(input in Test mode)
Power On/Off
Ground
Ground
Digital Supply
External reset output
1·008MHz Clock for ACEBus, ACE9030 and ACE9040
0 = Chip reset
Address input for Emulation only
Address input for Emulation only
8.064MHz clock/Out Port 2 bit 0
Read/Write
(Input during Emulation)
Beep, Alarm, Ring Tone Output
CPU Port 2 bit 3 or Serial interface (SCI) input
Output Port 2 Bit 1/Pulse Width Modulator #1 Output
Processor Clock
(Input during Emulation)
Carrier detect from RX
PD
PD
PD
PD
PD
PD
-
-
None
-
-
PU
-
-
-
-
None
PD
-
-
-
-
-
-
-
None
PU
PU
-
None
-
None
-
None
None
KPI [3]
KPI [2]
KPI [1]
KPI [0]
INRQ1
INRQ0
SYNTHDATA
SYNTHCLK
SERV
LATCH3
OUTP2 [6]
ICN
LATCH1
OUTP2[7]
LATCH0
OUTP2[2]/PWM2/
LATCH2
DTFG
EMUL
IRQN
POFFN
VSS
VSS
VDD
EXRESN
C1008
MRN
A15
A14
CPUCL/OUTP2 [0]
R/W
BAR
DTMS
OUTP2 [1]/PWM 1
ECLK
RXCD
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
EPORT
EPORT
EPORT
EPORT
EPORT
EPORT
SINT
SINT
WDATO
SINT
EPORT
IFC
SINT
EPORT
SINT
PWM
SINT
BINT/CPU
CPU
WDATO
WDATO
CLK
WDATO
BINT
BINT
CLK/EPORT
BINT
BAR
CPU
PWM
CLK
WDATO
Block
Type
I
I
I
I
I
I
O
O
I
O
O
O
(I)
O
O
O
O
I/O
I
O
(I)
O
O
O
I
I
I
O
O
(I)
O
I/O
O
O
(I)
I
Table 1 (continued)
Pin
Name
ABBREVIATIONS
BAR
Beep, Alarm and Ring tone generator
BAUD
Baud Rate generator
BINT
Bus Interface
MEMB
Memory Bank switching
CLK
Clock generator
CPU
6303 microprocessor unit
DEC
Decoder
EPORT
External Port
I2CI2C interface
IFC
IF Control counter
MODEM
AMPS/TACS Modem
PWM
Pulse Width Modulator and MUX
SINT
Serial Inter-chip interface
WDATO
Watchdog/Autonomous Time Out
PU
Internal Pullup resistor present
PD
Internal Pulldown resistor present
Table 2
UNUSED INPUTS
Input or bidirectional pins must have a suitable pullup or pulldown reststor if they are configured as inputs, with no external drive. Some
inputs have an internal pullup or pulldown resistor of the order of 100k
Ω; this value is suitable if the pin is not subject to excessive noise
or residual current greater than 15
µA. If the pins shown in Table 2 are not used in the system, an external resistor will be required.
Pin
Name
4
7
8
9
12
13
14
DFMS
P1 [7]
P1 [6]
P1 [5]
P1 [4]
P1 [3]
P1 [2]
Pin
Name
15
16
51
52
53
54
60
P1 [1]
P1 [0]
RXSAT
INP1 [2]
INP1 [3]
INP1 [4]
AFC_IN/RXDATA
Pin
Name
61
74
82
91
97
100
TXPOW
SERV
DTFG (Requires
programming resistor)
MRN
DTMS
RXCD
NOTE: P1 [7:0], DFMS and DTMS are configured as inputs upon reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com