Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 22 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 22 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 18Page - Mitel Networks Corporation ACE9050 Datasheet HTML 19Page - Mitel Networks Corporation ACE9050 Datasheet HTML 20Page - Mitel Networks Corporation ACE9050 Datasheet HTML 21Page - Mitel Networks Corporation ACE9050 Datasheet HTML 22Page - Mitel Networks Corporation ACE9050 Datasheet HTML 23Page - Mitel Networks Corporation ACE9050 Datasheet HTML 24Page - Mitel Networks Corporation ACE9050 Datasheet HTML 25Page - Mitel Networks Corporation ACE9050 Datasheet HTML 26Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
ACE9050
22
Fig. 16 ACE9050 Interrupt configuration
IRQPRT4
RESET
TIME OUT
IRQSEND
IRQREQ
IRQRX
IRQBISAT
IRQWS
IRQTX
7
LATCHING
LOGIC
0
1
2
3
4
5
6
7
IRQPRT5
MASK
DATA BUS
IRQPRT2
READ
AND
COMBINING
LOGIC
IRQPRT0
RESET
8
IRQPRT1
MASK
DATA BUS
2
LATCHING
LOGIC
0
1
IRQPRT6
READ
AND
COMBINING
LOGIC
PORT1
INPUT
0
1
2
3
4
5
6
7
DATA BUS
I2C
INTERRUPT
IRQN
INRQ0
INRQ1
INP1 [2]
INP1 [3]
INP1 [4]
SERV
TXPOW
ACE9050
71
70
52
53
54
74
61
TO 6303
84
External Interrupt Control Port
The external interrupt control port facilitates resetting, masking
and reading of two potential external interrupt sources via three
registers. The external interrupt inputs are edge sensitive. Table
31 describes the possible sources
Bit
1
0
INRQ1
INRQ0
External Interrupt 1 (INRQ [1])
External Interrupt 0 (INRQ [0])
Name
Description
Table 31
External pins
INRQ0 (pin 71)
A rising edge (zero to one transition) on this line will generate
an INRQ0 interrupt if the associated bit in the mask register is set
to 1. The level of this input can also be read via Port1 bit 0
regardless of whether an interrupt is generated.
INRQ1 (pin 70)
A rising edge (zero to one transition) on this line will generate
an INRQ1 interrupt if the associated bit in the mask register is set
to 1. The level of this input can also be read via Port1 bit 1
regardless of whether an interrupt is generated.
Associated Registers (Table 32)Bit7: 0
IRQPRT4: External Interrupt Reset Register. A write to this
register will reset the interrupts corresponding to 0 written in the
data field.
IRQPRT5: External Interrupt Mask Register. A write to this
register will determine the possible source of interrupts. After
reset all interrupts are masked.
IRQPRT6: External Interrupt Read register. A Read from this
register will determine the interrupts source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com