Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 31 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 31 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 27Page - Mitel Networks Corporation ACE9050 Datasheet HTML 28Page - Mitel Networks Corporation ACE9050 Datasheet HTML 29Page - Mitel Networks Corporation ACE9050 Datasheet HTML 30Page - Mitel Networks Corporation ACE9050 Datasheet HTML 31Page - Mitel Networks Corporation ACE9050 Datasheet HTML 32Page - Mitel Networks Corporation ACE9050 Datasheet HTML 33Page - Mitel Networks Corporation ACE9050 Datasheet HTML 34Page - Mitel Networks Corporation ACE9050 Datasheet HTML 35Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
ACE9050
31
4. Transmit Stop When the Master has finished receiving data
it must signal the end of data to the Slave transmitter by
generating a not acknowledge on the last byte that was clocked
out by the Slave. The Slave transmitter must release the data line
to allow the Master to generate the STOP condition. When all
bytes have been received the I2C_STAT register should return
a 58H. The microcontroller is then free to set the STP bit. The
ACE9050 I2Cwill transmit a STOP condition, clear the STP bit
and return to the idle state.
Slave Transmit
In the Slave transmit mode a number of bytes are transmitted
to a Master receiver. The Slave transmitter has control of the
SDA line and must ensure the bits are correctly acknowledged.
Before the Slave transmit mode can be entered the CNTR
register should be initialised as shown in Table 55, where X is
either 0 or 1.
Slave Receive
In the Slave receive mode a number of data bytes are
received from a Master transmitter. Before the Slave receive
mode can be entered the CNTR register should be initialised as
for Slave transmit mode.
1. Entering Slave Receive Mode The ACE9050 I2C will enter
Slave receive mode when it receives its own Slave address
(SLA6-0) and the write bit (bit = 0) after the START condition. The
ACE9050 I2C will then transmit an acknowledge bit and set the
IFLG bit in the I2C_CNTR register and status code 60H (Slave
address1write bit received, ACK Transmitted) will be in the
STAT register.
The ACE9050 I2C will also enter Slave receive mode when it
receives the general call address 00H (if bit GCE in the ADDR
register is set). The status code will then be 70H.
Slave receive mode can also be entered directly from a
Master mode if arbitration was lost in Master mode during the
address byte, and the Slave address and write bit or general call
address were received. (For the general call condition the GCE
bit in the I2C_ADDR register must be set to one)
The status code in the I2C_STAT register will then be 68H if
the Slave address was received or 78H if the general call address
was received. The IFLG bit must be cleared to zero to allow the
data transfer to continue.
2. Receiving Data If the AAK bit in the I2C_CNTR register is set
to 1 then after each byte is received an acknowledge bit (low level
on SDA) is transmitted and the IFLG bit is set, the I2C_STAT
register will contain status code 80H (or 90H if Slave receive mode
was entered with the general call address). The received data
byte can be read from the I2C_DATA register and the IFLG bit
must be cleared to allow the transfer to continue.
3. Competing Transfer When the STOP condition or a repeated
START condition is detected after the acknowledge bit, then the
IFLG bit is set and the I2C_STAT register will contain status code
A0H. If the AAK bit is cleared to 0 during a transfer then the
ACE9050 I2C will transmit a not acknowledge bit (high level on
SDA) after the next byte is received, and set the IFLG bit. The
I2C_STAT register will contain status code 88H (or 98H if slave
receive mode was entered with the general call address). When
the IFLG bit has been cleared to 0 the ACE9050 I2C will return
to the idle state.
Position
State
Bit
D7
D6
D5
D4
D3
D2
D1
D0
IEN
ENAB
STA
STP
IFLG
AAK
-
-
X
1
0
0
0
1
0
0
Table 55
1. Entering Stave Transmit Mode The ACE9050 I2C will enter
Slave transmit mode when it receives its own Slave address
(SLA6-0) and the read bit (bit 0 = 1 ) after a START condition. The
ACE9050 I2C will then transmit an acknowledge bit and set the
IFLG bit in the I2C_CNTR register and status code A8H (Slave
address and read bit received, ACK transmitted) will be in the
I2C_STAT register.
Slave transmit mode can also be entered directly from a
Master mode if arbitration was lost in Master mode during the
address byte, and the Slave address and read bit were received.
The status code in the I2C_STAT register will then be B0H.
2. Sending Data The data byte to be transmitted should then be
loaded into the I2C_DATA register and the IFLG cleared. When
the ACE9050 I2C has transmitted the byte and received an
acknowledge the IFLG will be set and the STAT register will
contain B8H.
3. Completing Transfer Slave Termination When the last byte
to be transmitted is loaded into the DATA register the AAK bit
should be cleared when, or immediately before the IFLG is
cleared. After that last bit has been transmitted the IFLG will be
set as usual but the STAT should contain C8H.
When this IFLG flag is cleared the ACE9050 I2C will then
return to the idle state. The AAK bit must be set to one before
Slave mode can be entered again.
4. Master Termination If no acknowledge is received after
transmitting any byte: the SDA line is released to allow the
Master to generate, the Stop condition IFLG will be set and the
STAT register will contain C0H. When the IFLG is cleared the
ACE9050 I2C will return to the idle state. If the STOP condition
is detected after an acknowledge bit then the ACE9050 I2C will
return to the idle state.
RADIO FUNCTIONS
The ACE9050 provides the following Radio Functions, which
will typically be required in a mobile phone implementation, all of
which are controlled by internal configuration registers:
Modem and SAT management,
ACE Serial Interface,
IFC counter,
2 pulse width modulators,
Key pad interface and
Tone generator.
These functions are described in the following sections
1. INTERNAL CONFIGURATION REGISTERS
The ACE9050 contains 3 internal configuration registers.
These allow the hardware to be configured via software write
instructions. The function of the bits is described in the relevant
section in more detail. This section provides an overview of the
3 internal configuration registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com