Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 35 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 35 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 31Page - Mitel Networks Corporation ACE9050 Datasheet HTML 32Page - Mitel Networks Corporation ACE9050 Datasheet HTML 33Page - Mitel Networks Corporation ACE9050 Datasheet HTML 34Page - Mitel Networks Corporation ACE9050 Datasheet HTML 35Page - Mitel Networks Corporation ACE9050 Datasheet HTML 36Page - Mitel Networks Corporation ACE9050 Datasheet HTML 37Page - Mitel Networks Corporation ACE9050 Datasheet HTML 38Page - Mitel Networks Corporation ACE9050 Datasheet HTML 39Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
ACE9050
35
Bit
Function
0 = Discriminator enabled
1 = Discriminator bypassed (test)
4
Name
LF1_2
Associated Register bits
LF1_2 MODPRT 1[4] (Table 67)
Table 67
For test purposes the discriminator can be bypassed. This is
achieved by setting LF1_2. In this case the Modem requires
10kHz or 8kHz Manchester encoded data, i.e. the baseband
data signal.
RXDINV MODPRT 1[5] (Table 68)
Bit
Function
0 = RX Data not inverted
1 = RX Data inverted
5
Name
RXDINV
Table 68
The phase of the Data from the Discriminator is determined
by the RF architecture of the receiver. The data can be inverted
to cater for both high side and low side VCO architectures.
Data Decoder
The Data Decoder is responsible for clock and data extraction
from the discriminated baseband Manchester encoded data
stream. Manchester encoded data inherently contains the clock.
The Data Decoder extracts the clock timing from the incoming
data stream and regenerates an appropriately phased clock.
The circuit then EXORs the extracted clock with the data. This
yields a 1 for the bit period if the data bit is in phase, or a 0 if the
data is out of phase. It then samples the output from the EXOR
at 504kHz.
Thus, nominally 50·4 or 63 samples are taken per bit period
for AMPS or TACS respectively. The data decoder will then
decide if the bit is a 1 or a 0, on the state with the highest number
of samples. If the number of ‘correct’ samples is over a certain
threshold then a flag is set. The required threshold can be set by
software and is referred to as the squelch level. The flag is
passed to the Word Sync Detector along with the value of the bit.
The Data Decoder uses a digital transition tracking loop to
regenerate the correctly phased clock. A clock at 90 degrees to the
data extraction clock and an integrate-and-dump function are used.
This 90 degree clock is again EXORed with the incoming data
stream. The result of this is fed into an up/down counter. The output
of the counter, along with the bit value, will determine whether the
phase of the incoming clock was early or late. The phase of the clock
over the next bit period will be altered to pull the clock in the
appropriate direction. This process repeats for every bit period. The
amount the clock is pulled is determined by the SYNDET bit.
Manchester encoded data transitions occur on the bit boundaries
as well as in the centre of the bit. This is especially true for a string
of 1s or 0s. There is a chance the clock will lock on to these, 180
degrees out of phase. The word structure contains a dotting
sequence; this is a 1010… pattern which is devoid of incorrect
transitions. The hardware can recognise the error condition during
this time and automatically correct the clock phase.
Bit
Function
0 = Capture mode
1 = Sync mode
2
Name
SYNDET
Associated Registers
SYNDET MODPRT 0 [2] (Table 69)
Table 69
The digital tracking loop can be configured in two modes:
Capture or Sync, as detailed in Table 70.
Regenerated clock shift
Mode
TACS (125
µs)
AMPS (100
µs)
0 = Capture mode
1 = Sync mode
64% (12
µs)
61·6% (4
µs)
65% (10
µs)
61% (2
µs)
Table 70
In Capture mode the regenerated clock is shifted by a greater
percentage of the cycle than in Sync mode. This will allow the
regenerated clock to slip over and then acquire the incoming
clock phase faster. For example, to re-acquire phase in the
AMPS system would take around 2ms with good signal levels.
In Sync mode the regenerated clock is not shifted as much,
allowing more accurate data extraction over the bit period. If the
regenerated clock becomes out of phase in this mode it will of
course take longer to re-acquire the correct phase. For example
in the AMPS system, to re-acquire phase would take around
10ms.
The clock rate for the circuit is 504kHz, hence the circuit works
to a resolution which is a multiple of 2
µs in all cases. In general,
the SYNDET bit should be set to Capture mode until the system
design is satisfied that the Modem is in Word Sync. Then the
SYNDET should be switched to Sync mode before data reading
begins.
NOMPLL Nominal PLL Port 4 [5]
The Digital Tracking loop’s operation can be turned on or off
with the NOMPLL bit, as shown in Table 71.
0
1
NOMPLL
Table 71
Data Clock synchronising enabled
Data Clock free-running
Mode
The NOMPLL bit will generally be set to 0 to allow normal
operation of the digital tracking loop and clock synchronisation
circuit.
With NOMPLL set to 1 the regenerated clock will not try to lock
to the incoming data clock, but will keep its current phase. If there
is a short period of time when data is not present it may be
advantageous to set the NOMPLL bit. The Digital trackinq loop
will then be prevented from ‘hunting’ for a non-existent data
clock. When the data then reappears, the regenerated clock
should still be in phase and data can be immediately decoded
without the need to re-synchronise. This facility is of use in
systems where the receiver can power down for short periods of
time in Standby mode, thus reducing the overall current
consumption of the phone unit.
SQLEV [3: 0] MODPRT1 [3:0]
The software can set a ‘squelch level’ for the incoming data.
This sets the number of samples of a bit that have to be ‘correct’
for the bit to be approved. The Data Decoder sets a flag at the end
of a bit period if the squelch level has been reached. The Word
Sync Detector then sums the number of approved bits that occur
in a byte and updates the SQRX register at the same time as the
data register.
Four bits are used to determine the squelch threshold, giving
16 different levels. The number of samples for AMPS and TACS
systems is 50 and 63 respectively.
Table 72 on the following page shows the number of samples
required for a bit to meet the level set, and the percentage of the
total number of samples for both AMPS and TACS settings that
this represents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com