Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 47 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 47 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 43Page - Mitel Networks Corporation ACE9050 Datasheet HTML 44Page - Mitel Networks Corporation ACE9050 Datasheet HTML 45Page - Mitel Networks Corporation ACE9050 Datasheet HTML 46Page - Mitel Networks Corporation ACE9050 Datasheet HTML 47Page - Mitel Networks Corporation ACE9050 Datasheet HTML 48Page - Mitel Networks Corporation ACE9050 Datasheet HTML 49Page - Mitel Networks Corporation ACE9050 Datasheet HTML 50Page - Mitel Networks Corporation ACE9050 Datasheet HTML 51Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
ACE9050
47
MODPRT 0 Modem Control (continued)
Bit
Name
Function
0 = Capture mode
*
1 = Sync mode
0 = Word sync disabled
*
1 = Receiver will resynchronise
0 = Control channel
*
1 = Voice channel
2
1
0
SYNDET
ENWS
VC_CCN
Not used
Chip Select: 1 = CSE2N, 0 = CSEPN
Banked address A17
Banked address A16
Banked address A15
Banked address A14
BANK_SEL Bank Select Register
Write only
Bit
Name
Description
-
CS
BA17
BA16
BA15
BA14
[7:5]
4
3
2
1
0
Table 116
ACE9050 REGISTERS BY BLOCK
Data Dir register P1
Data Dir register P2
Data Port 1
Data Port 2
Timer Control/Status
Free run counter MSB
Free run counter LSB
IP Capture register MSB
IP Capture register LSB
Rate and mode control
TX/RX Control and Status
RX data
TX data
6303
Name
Description
Table 117
DDR 1
DDR 2
PORT 1
PORT2
TCSR 1
FRC_HIGH
FRC_LOW
ICR_HIGH
ICR_LOW
RMCR
TRCSR
RDR
TDR
Addr
R/W
W
W
R/W
R/W
R/W
R/W
R/W
R
R
W
R/W
R
W
00
01
02
03
08
09
0A
0D
0E
10
11
12
13
ACE9050 configuration
ACE9050 configuration
ACE9050 configuration
ACE9050 Internal Ports
Name
Description
PORT 3
PORT 4
PORT 5
Addr
R/W
R/W
R/W
R/W
26
40
42
Table 118
Bus Interface
Name
Description
Addr
R/W
Bank select
BANK_SEL
W
44
External I/P Port
External O/P Port
Keypad I/P and chip ID
O/P type for KPO
External Ports
Name
Description
IN_PORT 1
OUY_PORT 2
KEYP
KPOT
Addr
R/W
R
R/W
R/W
W
22
24
36
68
Watchdog and ATO
Name
Description
Addr
R/W
Reset Watchdog
Reset Time Out
REWD
RESATO
W
W
6A
6C
Table 121
Table 120
Table 119
MODPRT 1 Modem Status Read
MODPRT 1 Modem Control Write
* Reset state in Normal mode
Table 112 (continued)
Bit
Name
Function
MDMTST
TXDINV
RXDINV
LF1_2
SQLEV [3:0]
7
6
5
4
[3:0]
Must always be set to 0
0 = TX data not inverted
*
1 = TX data inverted
0 = RX data not inverted
*
1 = RX data inverted
0 = Discriminator enabled
*
1 = Discriminator bypassed (Test)
Set the squelch threshold level
Table 113
* Reset state in Normal mode
Bit
Name
Function
-
B_I
SCCRX [1:0]
SQRX [3:0]
7
6
[5:4]
[3:0]
Not used
0 = Busy/Idle bit = 0
1 = Busy/Idle bit = 1
Bits 5: 4 = SAT received
00 = 5·97kHz
01 = 6·00kHz
10 = 6·03kHz
11 = No SAT received
Number of data bits in a word that have
exceeded the preset Squelch threshold
Table 114
Table 115
LSICOM 3 ACE Serial Interface Control Register
Write
Bit
Name
Function
GO
CL
ANS
Not used
Latch 3
Latch 2
Latch 1
Latch 0
7
6
5
4
3
2
1
0
0 = No data transfer
1 = Begin data transfer
0 = SynthBus (126kHz)
1 = ACEBus (1·008MHz)
0 = No answer request
1 = Answer request
Must be 0
SynthBus: Latch 3
SynthBus: Latch 2
Latch 1 enabled for data transfer
Latch 0 enabled for data transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com