Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 29 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 29 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 25Page - Mitel Networks Corporation ACE9050 Datasheet HTML 26Page - Mitel Networks Corporation ACE9050 Datasheet HTML 27Page - Mitel Networks Corporation ACE9050 Datasheet HTML 28Page - Mitel Networks Corporation ACE9050 Datasheet HTML 29Page - Mitel Networks Corporation ACE9050 Datasheet HTML 30Page - Mitel Networks Corporation ACE9050 Datasheet HTML 31Page - Mitel Networks Corporation ACE9050 Datasheet HTML 32Page - Mitel Networks Corporation ACE9050 Datasheet HTML 33Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
ACE9050
29
Position
State
Bit
If a repeated START condition has been transmitted then the
status code will be 10H instead of 08H.
2. Transmit Slave Address and Write The I2C_DATA register
should now be loaded, with the address of the slave to be written
to in bits[7:1] and bit[0] cleared to zero to specify Write. The IFLG
bit should now be cleared to zero before the transfer can
continue. When the slave address and write bit have been
transmitted and an acknowledqe bit received the IFLG will be set
again. A number of status codes are now possible in the STAT
register, as shown in Tables 47 and 48.
3. Transmit Data If the code 18H or 20H has been detected in the
STAT, the next byte to be placed in the I2C_DATA register is the
first data byte, or a word address in the case of some memory
devices. The IFLG can then be cleared. After each additional
data byte has been transmitted the IFLG will be set and one of
three status codes will be in the START register, as shown in
Tables 49 and 50.
D7
D6
D5
D4
D3
D2
D1
D0
IEN
ENAB
STA
STP
IFLG
AAK
-
-
X
1
0
0
0
X
0
0
Table 46
1. Transmit Start Condition. The master transmit mode is
entered by settinq the STA bit to one. The ACE9050 I2C will then
test the I2C bus and will transmit a START condition when the bus
is free. When a START condition has been transmitted the IFLG
bit will be set and the status code in the STAT register will be 08H.
Transmit data byte,receive ACK
Transmit repeated START
Transmit STOP
Transmit STOP then START
As for code 18H
(a) WriteDATA, clear IFLG
(b) Set STA, clear IFLG
(c) Set STP, clear IFLG
(d) Set STA and STP, clear IFLG
As for code 18H
Addr and Write transmitted, ACK received
Addr and Write transmitted, ACK not received
18H
20H
Next I2C action
Micro response
ACE9050 I2C state
Code
(a) Clear IFLG
(b) Set STA, clear IFLG
Clear IFLG: AAK = 0
Clear IFLG: AAK = 1
As for code 68H
Write byte to DATA, clear IFLG, AAK = 0
Write byte to DATA, clear IFLG, AAK = 1
38H
68H
78H
B0H
Next I2C action
Micro response
ACE9050 I2C state
Code
Arbitration lost
Arbitration lost, Slave Addr and
Write received: ACK transmitted
Arbitration lost, GCA, ACK transmitted
Arbitration lost, Slave Addr and
Read received: ACK transmitted
Transmit data byte,receive ACK
Transmit repeated START
Transmit STOP
Transmit START then STOP
As for code 28H
(a) Write byte to DATA, clear IFLG
(b) Set STA, clear IFLG
(c) Set STP, clear IFLG
(d) Set STA and STP, clear IFLG
As for code 28H
Data byte transmitted, ACK received
Data byte transmitted, ACK not received
28H
30H
Next I2C action
Micro response
ACE9050 I2C state
Code
Return to idle
Transmit START when bus free
(a) Clear IFLG
(b) Set STA, clear IFLG
Arbitration lost
38H
Next I2C action
Micro response
ACE9050 I2C state
Code
Table 49 Possible status codes after Data has been transmitted with the ACE9050 as the only bus Master
Table 47 Possible status codes after Slave address has been transmitted with the ACE9050 as the only bus Master
Table 48 Possible status codes after Slave address has been transmitted with Multiple Bus Masters
Table 50 Possible extra status codes after Data has been transmitted with multiple bus Masters
Return to idle.
Transmit START when bus free.
Receive data byte, transmit Not ACK
Receive data byte, transmit ACK
As for code 68H
Transmit last byte, receive ACK
Transmit data byte, receive ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com