Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 27 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 27 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 23Page - Mitel Networks Corporation ACE9050 Datasheet HTML 24Page - Mitel Networks Corporation ACE9050 Datasheet HTML 25Page - Mitel Networks Corporation ACE9050 Datasheet HTML 26Page - Mitel Networks Corporation ACE9050 Datasheet HTML 27Page - Mitel Networks Corporation ACE9050 Datasheet HTML 28Page - Mitel Networks Corporation ACE9050 Datasheet HTML 29Page - Mitel Networks Corporation ACE9050 Datasheet HTML 30Page - Mitel Networks Corporation ACE9050 Datasheet HTML 31Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
ACE9050
27
AAK Assert Acknowledge.
This bit is used to determine whether an Acknowledge bit is
sent when the I2C Receives data. It also indicates the last byte
to transmit when the I2C is in Slave Transmit mode.
AAK is set to one: An acknowledge (low level on SDA) will be
sent during the acknowledge clock pulse on the I2C bus when:
1. The Slave address has been received.
2. The general call address has been received and the GCE bit
in the I2C ADDR registers set to one.
3. A data byte has been received in Master or Slave mode.
AAK is cleared to zero: When a data byte is received a Not
Acknowledge (high level on SDA) will be sent, both in Master and
Slave modes.
In the Slave Transmitter mode then the byte in the I2C_DATA
register is assumed to be the ‘last byte’. After this byte has been
transmitted the I2C will enter state C8H then return to the idle
state.
I2C_STAT Status Register Read
This read only register contains a 5-bit status code, as shown
in Table 41.
Bit
[7:3]
[2:0]
STATUS
-
State code
Read back as zero
Name
Description
Table 41
There are 27 possible status codes. When I2C_STAT
contains the status code F8H no relevant status information is
available and the IFLG bit in the I2C_CNTR register is not set.
All other status codes correspond to a defined state of the
ACE9050 I2C. When each of these states is entered the
corresponding status code appears in this register and the
IFLG bit in the I2C_CNTR register is set.
When the IFLG bit is cleared the status code returns to
F8H. The 27 possible status codes shown in Table 42
If an illegal condition occurs on the I2C bus then the bus
error state is entered, status code 00H. To recover from this
state the STP bit in the I2C_CNTR register must be set and
the IFLG bit cleared. The I2C will then return to the idle state,
no STOP condition will be transmitted on the I2C bus..
Status
Code (Hex)
00
08
10
18
20
28
30
38
40
48
50
58
60
68
70
78
80
88
90
98
A0
A8
B0
B8
C0
C8
F8
Bus error
START condition transmitted
Repeat START condition transmitted
Address + write bit transmitted, ACK received
Address + write bit transmitted, ACK not received
Data byte transmitted in master mode, ACK received
Data byte transmitted in master mode, ACK not received
Arbitration lost in address or data byte
Address + read bit transmitted, ACK received
Address + read bit transmitted, ACK not transmitted
Data byte received in master mode, ACK transmitted
Data byte received in master mode, Not ACK transmitted
Slave address + write bit received, ACK transmitted
Arbitration lost in address as master, slave address + write bit received, ACK transmitted
General call address received, ACK transmitted
Arbitration lost in address as master, General call address received, ACK transmitted
Data byte received after slave address received, ACK transmitted
Data byte received after slave address received, Not ACK transmitted
Data byte received after General Call received, ACK transmitted
Data byte received after General Call received, Not ACK transmitted
STOP or repeat START condition received in slave mode
Slave address + read bit received, ACK transmitted
Arbitration lost in address as master, slave address + read bit received, ACK transmitted
Data byte transmitted in slave mode, ACK received
Data byte transmitted in slave mode, ACK not received
Last byte transmitted in slave mode, ACK received
No relevant status information, IFLG =O
Table 42 Possible values of I2C_STAT Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com