Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9050 Datasheet(PDF) 26 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 26 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 22Page - Mitel Networks Corporation ACE9050 Datasheet HTML 23Page - Mitel Networks Corporation ACE9050 Datasheet HTML 24Page - Mitel Networks Corporation ACE9050 Datasheet HTML 25Page - Mitel Networks Corporation ACE9050 Datasheet HTML 26Page - Mitel Networks Corporation ACE9050 Datasheet HTML 27Page - Mitel Networks Corporation ACE9050 Datasheet HTML 28Page - Mitel Networks Corporation ACE9050 Datasheet HTML 29Page - Mitel Networks Corporation ACE9050 Datasheet HTML 30Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
ACE9050
26
SDA
SCL
ADDRESS
R/W
ACK
DATA
ACK
DATA
ACK
D7
· · · · ·D1
D0
D0
1-7
8
9
1-7
8
9
1-7
8
9
STOP
CONDITION
START
CONDITION
S
P
D7
· · · · ·D1
Fig.19 I 2C Data transfer
ACE9050 I2C
The ACE9050 I2C can operate in one of four modes:
1. Master Transmit
2. Master Receive
3. Slave Transmit
4. Slave Receive
The ACE9050 can operate in multi-Master systems (where
there is more than Master on the bus). The ACE9050 I2C will
perform bus arbitration and clock synchronisation. In a mobile
handset where the I2C is used to interface to a serial PROM and/
or an LCD display it would be sufficient to have the ACE9050 as
the sole Master.
The I2C interface consists of the SCL (clock) and SDA (data)
lines. These are multiplexed with the 6303 bidirectional Port1
pins to reduce the overall pin count. Selection is made via the
ACE9050 Port5.
The internal 6303 microprocessor interface consists of five 8-
bit memory mapped registers and a processor interrupt line. The
interrupt is connected to the 6303 IRQN interrupt, as are the
ACE9050 internal and external Interrupt ports.
External Pins
SCL/6303 Port 1 [4] (pin 9)
Bi-directional pin, used for the I2C clock when selected. This
pin requires an external pull up resistor when used as SCL.. The
value of the pull up resistor depends on the system and I2C bus
implementation. Refer to the I2C bus specification. In a typical
system the resistor value would fall between 1k
Ω and 20kΩ.
SDA/6303 Port 1 [3] (pin 13)
Bidirectional pin, used for the I2C data when selected. This pin
requires an external pull up resistor when used as SDA. The
value of the resistor should be the same as the SCL line.
Associated Registers
SEL_I2C Port 5 bit 2
Position
D7
D6
D5
D4
D3
D2
D1
D0
IEN
ENAB
STA
STP
IFLG
AAK
-
-
Bit
Description
Table 40
Interrupt Enable
Bus Enable
Master Mode Start
Master Mode Stop
Interrupt Flag
Assert Acknowledge
Read back only: 0
Read back only: 0
I2C_CNTR Control Register Read/Write
This register is used to control the ACE9050 I2C. The program
can write and read from the register. The hardware can also
change the status of the bits in this register (see Table 40).
Note that this register is cleared to 00H when the I
2C is reset.
IEN Interrupt Enable
When IEN is set to 1 an interrupt will occur when the IFLG bit
is set. This will cause an interrupt on the 6303 IRQ. When IEN is
cleared to zero the I2C interrupt will be disabled.
Bit
2
SEL_I2C 0 = I2C Reset, P1 [4] and [3] selected
1 = I2C operational, SCL and SDA selected
Name
Description
Table 39
ENAB Bus Enable
When ENAB = 1 the ACE9050 I2C will respond to calls to its
Slave address (SLA6-0) and to the general call address if bit
GCE in the I2C_ADDR register is set.
STA Start Master Mode
When STA = 1 the ACE9050 I2C enters Master mode and will
send a START condition on the bus when the bus is free. If the
STA bit is set to 1 when already in Master mode and one or more
bytes have been transmitted then a repeated START condition
will be sent. If the STA bit is set to 1 when the ACE9050 I2C is
being accessed in Slave mode then the ACE9050 I2C will
complete the data transfer in Slave mode and then enter Master
mode when the bus has been released.
After the START condition has been sent this bit will be
automatically cleared.
STP Stop Master Mode
When STP is set to 1 in Master mode then a STOP condition
is transmitted on the I2C bus. If the STP bit is set to 1 in Slave
mode then the ACE9050 I2C will behave as if a STOP condition
has been received, but no STOP condition will be transmitted on
the I2C bus. If both STA and STP bits are set the ACE9050 I2C
will first transmit the STOP condition (if in Master mode) then
transmit the START condition. The STP bit is automatically
cleared: writing a zero to this bit has no effect.
IFLG Interrupt Flag
This bit gets set if an interrupt condition occurs in the I2C;
however an interrupt will only be generated if the Interrupt Enable
(IEN) is set.
An interrupt condition is defined as one of 26 of the possible
27 ACE9050 I2C states being entered. The only state that does
not set IFLG is state F8H. Refer to STAT register for more
information on the I2C states.
When IFLG is high then the low period of the I2C bus clock line,
SCL, is stretched and the data transfer is suspended.
When IFLG is reset to zero the interrupt is reset and the I2C
clock line released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com