Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 103 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 103 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 99Page - STMicroelectronics SPEAR320S Datasheet HTML 100Page - STMicroelectronics SPEAR320S Datasheet HTML 101Page - STMicroelectronics SPEAR320S Datasheet HTML 102Page - STMicroelectronics SPEAR320S Datasheet HTML 103Page - STMicroelectronics SPEAR320S Datasheet HTML 104Page - STMicroelectronics SPEAR320S Datasheet HTML 105Page - STMicroelectronics SPEAR320S Datasheet HTML 106Page - STMicroelectronics SPEAR320S Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 113 page
background image
SPEAr320S
Timing requirements
Doc ID 022508 Rev 2
103/113
5.16.2
SPI slave mode timings
5.17
SPP timing characteristics
This section describes the timing characteristics of the standard parallel port (SPP).
Figure 36.
SPP timing waveform
5.18
UART timing characteristics
Figure 37.
UART transmit and receive waveform
Table 78.
SSP timing characteristics (slave mode)
Symbol
Parameters
Min
Max
Unit
TSSP_CLK
SSP_CLK_IN input clock period
TPCLK*12
254*256*TPCLK
ns
TSSP_CLKHigh SSP_SCK high pulse
TSSP_CLK/2
TSSP_CLKLow SSP_SCK low pulse
TSSP_CLK/2
TSU
Data input setup time
4*TPCLK
TH
Data input hold time
0
TD
Data output delay
3*TPCLK
4*TPCLK
tSTRB
SPP_DATAx
Valid data
tDS
tDV
tSELIN
SPP_SELINn
SPP_STRBn
SPP_ACKn
tACK
SPP_BUSY
Data read by CPU
tSA
tSB
tSELIN
tINIT
SPP_AUTOFDn
Auto Line Feed
(can be used as 9th
data/parity bit)
SPP_INITn
B0
B1
Start bit
UARTTXD
UARTRXD
Stop Bit
B2-- - B7
Pbit
tBIT
tBIT
tBIT
tBIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com