Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 111 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 111 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 105Page - STMicroelectronics SPEAR320S Datasheet HTML 106Page - STMicroelectronics SPEAR320S Datasheet HTML 107Page - STMicroelectronics SPEAR320S Datasheet HTML 108Page - STMicroelectronics SPEAR320S Datasheet HTML 109Page - STMicroelectronics SPEAR320S Datasheet HTML 110Page - STMicroelectronics SPEAR320S Datasheet HTML 111Page - STMicroelectronics SPEAR320S Datasheet HTML 112Page - STMicroelectronics SPEAR320S Datasheet HTML 113Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 111 / 113 page
background image
SPEAr320S
Revision history
Doc ID 022508 Rev 2
111/113
Revision history
Table 85.
Document revision history
Date
Revision
Changes
5-Apr-2012
1
Initial release.
27-Sep-2012
2
Figure 1: SPEAr320S architectural block diagram: Replaced “4 KB
SRAM” by “8 KB SRAM”.
Section 2.2: Internal memories (BootROM/SRAM): Added “Boot
from UART0” and “Boot from Ethernet MII0” to the list of bootstrap
modes.
Section 2.25: System controller (SYSCTR): Replaced “a low-speed
oscillator” by “a crystal oscillator (24 MHz) or a low-frequency
oscillator (32 KHz)” in Doze mode description.
Table 32: Ball sharing during debug: modified the configuration for
pins TEST_2, TEST_3 and TEST_4.
Section 3.4.2: Extended mode: RMII automation networking mode
revised descriptions of each mode.
Section 3.4.5: Boot pins added description of H[7:0] pins Ethernet
MII0 boot and bypass mode.
Updated Figure 3: Hierarchical multiplexing scheme
Added note on I/O direction below Table 13: PL_GPIO / PL_CLK
pins description
Chaged order of columns and added reset states to Table 15:
PL_GPIO/PL_CLK multiplexing scheme and reset states
Added Section 3.5: PL_GPIO and PL_CLK pin sharing for debug and
test modes
Table 8: Debug pins description:
– Replaced “Test configuration ports” by “Debug mode configuration
ports”
– Deleted “For functional mode, they have to be set to zero” for pins
TEST_0 to TEST_4.
– Added a cross-reference.
– Added bypass mode to Table 14: Boot pins description
Section 4.6: Clocking parameters:
– Added Table 40: MCLK oscillator characteristics and new Section :
MCLK generated from a crystal oscillator.
Added Table 42: RTC oscillator characteristics and new Section :
RTC clock generated from an external clock source.Section 4.11:
Reset release:
– Updated the introduction.
– Renamed and updated Figure 7: Cold reset release.
– Added new Figure 8: Warm reset release.
Table 50: Reset timing characteristics: added new row for warm
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com