Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 19Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 20Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 21Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 22Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 23Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 24Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 25Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 26Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 192 page
background image
SECTION 3
PCI 9080
FUNCTIONAL DESCRIPTION
©PLX Technology, Inc., 1997
Page 14
Version 1.02
Table 3-2. Short Serial EEPROM Load Registers
Serial
EEPROM
Offset
Description
Sample
Serial
EEPROM
Value
0
Device ID
9080
2
Vendor ID
10B5
4
Class Code
0680
6
Class Code, Revision
0002
8
Maximum Latency, Minimum Grant
0000
A
Interrupt Pin, Interrupt Line Routing
0100
C
MSW of Mailbox 0 (User Defined)
xxxx
E
LSW of Mailbox 0 (User Defined)
xxxx
10
MSW of Mailbox 1 (User Defined)
xxxx
12
LSW of Mailbox 1 (User Defined)
xxxx
3.3.2 Long Serial EEPROM Load
The registers listed in Table 4-39 are loaded from serial
EEPROM after reset is de-asserted if SHORT# pin is
high. The serial EEPROM is organized in words (16 bit).
PCI 9080 first loads MSW (Most Significant Word; bits
[31:16]), starting from the most significant bit (bit 31).
PCI 9080 then loads LSW (Least Significant Word; bits
[15:0]), starting again from the most significant bit
(bit 15). Therefore, PCI 9080 will load Device ID, Vendor
ID, class code, and so forth.
The serial EEPROM value can be entered into a DATA
I/O programmer in the order shown below. The values
shown are examples and must be modified for each
particular application. The 34 16-bit words listed in the
table are stored sequentially in the serial EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com