Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 56Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 57Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 58Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 59Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 60Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 61Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 62Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 63Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 51
Version 1.02
4.2.2 Local Configuration Registers
Table 4-6. Local Configuration Registers
PCI
(Offset
from
Base
Address)
Local
Access
(Offset
from Chip
Select
Address)
To ensure software compatibility with other versions of the PCI 9080 family and to
ensure compatibility with future enhancements,
write a zero to all unused bits.
31
0
PCI/Local
Writable
Serial
EEPROM
Writable
00h
80h
Range for PCI to Local Address Space 0
Y
Y
04h
84h
Local Base Address (Remap) for PCI to Local Address Space 0
Y
Y
08h
88h
Mode/Arbitration Register
Y
Y
0Ch
8Ch
Big/Little Endian Descriptor Register
Y
Y
10h
90h
Range for PCI to Local Expansion ROM
Y
Y
14h
94h
Local Base Address (Remap) for PCI to Local Expansion ROM and BREQo control
Y
Y
18h
98h
Local Bus Region Descriptors
(Space 0 and Expansion ROM) for PCI to Local Accesses
YY
1Ch
9Ch
Range for Direct Master to PCI
Y
Y
20h
A0h
Local Base Address for Direct Master to PCI Memory
Y
Y
24h
A4h
Local Base Address for Direct Master to PCI IO/CFG
Y
Y
28h
A8h
PCI Base Address (Remap) for Direct Master to PCI
Y
Y
2Ch
ACh
PCI Configuration Address Register for Direct Master to PCI IO/CFG
Y
Y
F0h
170h
Range for PCI to Local Address Space 1
Y
Y
F4h
174h
Local Base Address (Remap) for PCI to Local Address Space 1
Y
Y
F8h
178h
Local Bus Region Descriptor (Space 1) for PCI to Local Accesses
Y
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com