Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 70Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 71Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 72Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 73Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 74Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 75Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 76Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 77Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 65
Version 1.02
4.4.4 (BIGEND; PCI:0Ch, LOC:8Ch) Big/Little Endian Descriptor Register
Table 4-36. (BIGEND; PCI:0Ch, LOC:8Ch) Big/Little Endian Descriptor Register
Field
Description
Read
Write
Value after Reset
0
Configuration Register Big Endian Mode. Value of 1 specifies use of Big Endian
data ordering for local accesses to the configuration registers. Value of 0 specifies
Little Endian ordering. Big Endian mode can be specified for configuration register
accesses by asserting the BIGEND# pin during the address phase of the access.
Yes
Yes
0
1
Direct Master Big Endian Mode. Value of 1 specifies use of Big Endian data
ordering for Direct Master accesses. Value of 0 specifies Little Endian ordering. Big
Endian mode can be specified for Direct Master accesses by asserting the
BIGEND# input pin during the address phase of the access.
Yes
Yes
0
2
Direct Slave Address Space 0 Big Endian Mode. Value of 1 specifies use of Big
Endian data ordering for Direct Slave accesses to Local Address space 0. Value of
0 specifies Little Endian ordering.
Yes
Yes
0
3
Direct Slave Address Expansion ROM 0 Big Endian Mode. Value of 1 specifies use
of Big Endian data ordering for Direct Slave accesses to Expansion ROM. Value of
0 specifies Little Endian ordering.
Yes
Yes
0
4
Big Endian Byte Lane Mode. Value of 1 specifies that in Big Endian mode, use byte
lanes 31:16 for a 16 bit local bus and byte lanes 31:24 for an 8 bit local bus. Value
of 0 specifies that in Big Endian mode, byte lanes 15:0 be used for a 16 bit local
bus and byte lanes 7:0 for an 8 bit local bus.
Yes
Yes
0
5
Direct Slave Address Space 1 Big Endian Mode. Value of 1 specifies use of Big
Endian data ordering for Direct Slave accesses to local Address Space 1. Value of
0 specifies Little Endian ordering.
Yes
Yes
0
6
DMA Channel 1 Big Endian Mode. Value of 1 specifies use of Big Endian data
ordering for DMA Channel 1 accesses to the local Address Space. Value of 0
specifies Little Endian ordering.
Yes
Yes
0
7
DMA Channel 0 Big Endian Mode. Value of 1 specifies use of Big Endian data
ordering for DMA Channel 0 accesses to the Local Address space. Value of 0
specifies Little Endian ordering.
Yes
Yes
0
31:8
Reserved.
Yes
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com