Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 81 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 81 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 77Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 78Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 79Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 80Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 81Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 82Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 83Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 84Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 85Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 72
Version 1.02
4.5 RUNTIME REGISTERS
4.5.1 (MBOX0; PCI:40h or 78h, LOC:C0h) Mailbox Register 0
Table 4-48. (MBOX0; PCI:40h or 78h, LOC:C0h) Mailbox Register 0
Field
Description
Read
Write
Value after Reset
31:0
32 Bit Mailbox Register.
Yes
Yes
0
Note:
Mailbox Register 0 is replaced by the Inbound Queue Port when the I2O feature is enabled (bit 0 in the QSR
register is set). Mailbox Register 0 is always accessible at PCI address 78h and local address C0h.
4.5.2 (MBOX1; PCI:44h or 7Ch, LOC:C4h) Mailbox Register 1
Table 4-49. (MBOX1; PCI:44h or 7Ch, LOC:C4h) Mailbox Register 1
Field
Description
Read
Write
Value after Reset
31:0
32 Bit Mailbox Register.
Yes
Yes
0
Note:
Mailbox Register 1 is replaced by the Outbound Queue Port when the I2O feature is enabled (bit 0 in the QSR
register is set). Mailbox Register 1 is always accessible at PCI address 7Ch and local address C4h.
4.5.3 (MBOX2; PCI:48h, LOC:C8h) Mailbox Register 2
Table 4-50. (MBOX2; PCI:48h, LOC:C8h) Mailbox Register 2
Field
Description
Read
Write
Value after Reset
31:0
32 Bit Mailbox Register.
Yes
Yes
0
4.5.4 (MBOX3; PCI:4Ch, LOC:CCh) Mailbox Register 3
Table 4-51. (MBOX3; PCI:4Ch, LOC:CCh) Mailbox Register 3
Field
Description
Read
Write
Value after Reset
31:0
32 Bit Mailbox Register.
Yes
Yes
0
4.5.5 (MBOX4; PCI:50h, LOC:D0h) Mailbox Register 4
Table 4-52. (MBOX4; PCI:50h, LOC:D0h) Mailbox Register 4
Field
Description
Read
Write
Value after Reset
31:0
32 Bit Mailbox Register.
Yes
Yes
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com