Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 65Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 66Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 67Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 68Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 69Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 70Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 71Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 72Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 60
Version 1.02
4.3.13 (PCIBAR3; PCI:1Ch, LOC:1Ch) PCI Base Address Register for Memory Accesses to
Local Address Space 1
Table 4-22. (PCIBAR3; PCI:1Ch, LOC:1Ch) PCI Base Address Register for Memory Accesses to Local Address
Space 1
Field
Description
Read
Write
Value after
Reset
0
Memory Space Indicator. Value of 0 indicates register maps into memory space.
Value of 1 indicates register maps into I/O space.
(Specified in LAS1RR register.)
Yes
No
0
2:1
Location of register. Location values:
00—Locate anywhere in 32 bit memory address space
01—Locate below 1 MB memory address space
10—Locate anywhere in 64 bit memory address space
11—Reserved
(Specified in LAS1RR register.)
If I/O Space, bit 1 is always 0 and bit 2 is included in the base address.
Yes
Mem: No
I/O:
bit 1 no,
bit 2 yes
0
3
Prefetchable (If memory space). Value of 1 indicates there are no side effects on
reads. This bit reflects the value of bit 3 in the LAS1RR register and only provides
status to the system. This bit has no effect on the operation of the PCI 9080.
Prefetching features of this address space are controlled by the associated Bus
Region Descriptor Register.
(Specified in LAS1RR register.)
If I/O Space, bit 3 is included in the base address.
Yes
Mem: No
I/O: Yes
0
31:4
Memory Base Address. Memory base address for access to Local Address
Space 1.
Yes
Yes
0
Note:
PCIBAR3 can be enabled or disabled by setting or clearing bit 0 in the LAS1BA register. If QSR bit 0 is set,
PCIBAR3 returns 0.
4.3.14 (PCIBAR4; PCI:20h, LOC:20h) PCI Base Address Register
Table 4-23. (PCIBAR4; PCI:20h, LOC:20h) PCI Base Address Register
Field
Description
Read
Write
Value after Reset
31:0
Reserved.
Yes
No
0
4.3.15 (PCIBAR5; PCI:24h, LOC:24h) PCI Base Address Register
Table 4-24. (PCIBAR5; PCI:24h, LOC:24h) PCI Base Address Register
Field
Description
Read
Write
Value after Reset
31:0
Reserved.
Yes
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com