Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 93 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 93 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 89Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 90Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 91Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 92Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 93Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 94Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 95Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 96Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 97Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 84
Version 1.02
4.7 MESSAGING QUEUE REGISTERS
4.7.1 (OPLFIS; PCI:30h, LOC:B0) Outbound Post List FIFO Interrupt Status Register
Table 4-75. (OPLFIS; PCI:30h, LOC:B0) Outbound Post List FIFO Interrupt Status Register
Field
Description
Read
Write
Value after Reset
2:0
Reserved.
Yes
No
0
3
Outbound Post List FIFO Interrupt. This bit is set when the Outbound Post List
FIFO is not empty. This bit is not effected by the interrupt mask bit.
Yes
No
0
31:4
Reserved.
Yes
No
0
4.7.2 (OPLFIM; PCI:34h, LOC:B4) Outbound Post List FIFO Interrupt Mask Register
Table 4-76. (OPLFIM; PCI:34h, LOC:B4) Outbound Post List FIFO Interrupt Mask Register
Field
Description
Read
Write
Value after Reset
2:0
Reserved.
Yes
No
0
3
Outbound Post List FIFO Interrupt Mask. Interrupt is masked when this bit is set.
Yes
Yes
1
31:4
Reserved.
Yes
No
0
4.7.3 (IQP; PCI:40h) Inbound Queue Port Register
Table 4-77. (IQP; PCI:40h) Inbound Queue Port Register
Field
Description
Read
Write
Value after Reset
31:0
Value written by PCI master is stored into the Inbound Post List FIFO, which is
located in local memory at the address pointed to by the Queue Base Address +
FIFO Size + Inbound Post Head Pointer. From the time of the PCI write until the
local memory write and update of the Inbound Post Queue Head Pointer, further
accesses to this register result in a retry. A local interrupt is generated when the
Inbound Post List FIFO is not empty.
When the port is read by the PCI master, the value is read from the Inbound Free
List FIFO, which is located in local memory at the address pointed to by the Queue
Base Address + Inbound Free Tail Pointer. If FIFO is empty, a value of FFFFFFFh
is returned.
PCI
PCI
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com