Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 37Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 38Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 39Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 40Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 41Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 42Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 43Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 44Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 192 page
background image
SECTION 3
PCI 9080
FUNCTIONAL DESCRIPTION
©PLX Technology, Inc., 1997
Page 32
Version 1.02
3.7.3.2 PCI to Local Bus DMA Transfer
   
   
•       
    
     
   !    "#$
%    & 
  &    
'
!()

         
  ! ! (    
!      
      *  
 )
•


 


•
•
  
 
 
+  
 
,  
•
•
  ! " 
- (  .
&
( $ 
   
& !
•
•
  ! " 
- (  .
&
( $ 
   
& !
"#$/ 01/ 2& 2&
       
   !   
  !   01 !  
 &      '!()
         
  ! ! (    
        
     )  
     !   
 !   ! )
•       *   
 (    
&3 (  (   
     !  
#  & !  ( )
( 3 & ! 
•       *    
(     &3
(  (   
     !  
#  & !  ( )
( 3 & ! 
Figure 3-20. PCI to Local Bus DMA Data Transfer Operation
3.7.3.3 Unaligned Transfers
For unaligned local to PCI transfers, PCI 9080 reads a
partial Lword from the local bus. It continues to read
Lwords from the local bus. Lwords are assembled,
aligned to the PCI bus address and loaded into the
FIFO.
For PCI to local transfers, Lwords are read from the PCI
bus and loaded into the FIFO. On the local side, the
Lwords are assembled from the FIFO, aligned to the
local bus address and written to the local bus. On both
the local and PCI buses, the byte enables for writes
determine LA[1:0] for the start of a transfer. For the last
transfer, the byte enables specify the bytes to be written.
All reads are Lwords.
3.7.4 Demand Mode DMA
DMA Mode Register bit 15 (BLAST mode for demand
mode
DMA),
determines
the
number
of
Lwords
transferred after a DMA controllers DREQ[1:0]# input is
de-asserted.
If BLAST# output is not required for the last Lword of the
DMA transfer (bit 15 = 1), the DMA controller releases
the data bus after it receives an external READYi# or the
internal wait state counter decrements to a value of 0 for
the current Lword. If DMA controller is currently bursting
data, which is not the last data phase for the burst,
BLAST# output will not be asserted.
If BLAST# output is required for the last Lword of the
DMA transfer (bit 15 = 0), the DMA controller transfers
one or two Lwords. If DREQ[1:0]# is de-asserted during
the address phase of the first transfer in a PCI 9080
local bus ownership (ADS#, LHOLDA asserted), the
DMA
controller
completes
the
current
Lword.
If
DREQ[1:0]# is de-asserted during any phase other than
the address phase of the first transfer in a PCI 9080
local bus ownership, the DMA controller completes the
current Lword, and one additional Lword (this allows
BLAST# output to be asserted during the final Lword). If
DMA FIFO is full/empty after the data phase in which



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com