Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 32Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 33Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 34Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 35Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 36Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 37Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 38Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 39Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 192 page
background image
SECTION 3
PCI 9080
FUNCTIONAL DESCRIPTION
©PLX Technology, Inc., 1997
Page 27
Version 1.02
If timer expires and PCI 9080 has not received LHOLDA,
PCI 9080 asserts BREQo. External bus logic can use
this as a signal to perform backoff.
A backoff cycle is device/bus architecture dependent.
External logic (arbiter) can assert the necessary signals
to cause the local master to release the local bus
(backoff). After backing off the local master, it can grant
the bus to the PCI 9080 (by asserting LHOLDA).
Once BREQo is asserted, READYo# for the current data
cycle will never be asserted (the local bus master must
perform backoff). When the PCI 9080 detects LHOLDA,
It proceeds with the PCI master to local bus access.
When this access is complete and the PCI 9080
releases the local bus, the external logic can release
backoff and the local master can resume the cycle that
was interrupted by the backoff cycle. The write FIFO of
the PCI 9080 retains all the data it has acknowledged
(i.e. the last data for which READYo# was asserted).
After the backoff condition ends, the local master
restarts the last cycle with ADS#. For writes, the data
following this ADS# should be the data that was not
acknowledged by the PCI 9080 prior to the backoff cycle
(for instance, the last data for which there was no
READYo# asserted).
If a PCI read cycle is completed when the local bus is
backed off, the local bus master receives that data if
local master restarts the same last cycle. (Data is not
read twice). A new read is performed, if the resumed
local bus cycle is not the same as the backed off cycle.
3.6.2.3.2 Software/Hardware Solution for Systems
without Backoff Capability
For adapters that do not support backoff, a possible
deadlock solution is as follows.
PCI host software, external local bus hardware, general
purpose output USERO and general purpose input
(USERI) can be used by PCI host software to prevent
deadlock. USERO can be set to request that the external
arbiter not grant the bus to any local bus master except
the PCI 9080. A status output from the local arbiter can
be connected to general purpose input USERI to
indicate that no local bus master owns the local bus. The
input can be read by the PCI host to determine that no
local bus master currently owns the local bus. PCI host
can then perform a direct slave access. When the host is
done, it clears USERO. For devices that support
preempt, USERO can be used to preempt the current
bus master device. The current local bus master device
completes its current cycle and gives up the local bus
(de-asserts LHOLD).
3.6.2.3.3 Software Solutions to Deadlock
PCI host software and local bus software can use a
combination of mailbox registers, doorbell registers,
interrupts, direct local to PCI accesses and direct PCI to
local accesses to avoid deadlock.
3.6.2.4 Direct Slave Lock
PCI 9080 supports direct PCI to local bus exclusive
accesses (locked atomic operations). A PCI locked
operation to local bus results in the entire address space
0, space 1 and expansion ROM space being locked until
they are released by the PCI bus master. PCI 9080
asserts LLOCKo# during the first clock of an atomic
operation (address cycle) and de-asserts it a minimum of
one clock, following the last bus access for the atomic
operation. LLOCKo# is de-asserted after the PCI 9080
detects PCI FRAME# and PCI LOCK# de-asserted at
the same time. Refer to the timing diagrams in Section 8,
“Timing Diagrams.” Locked operations are enabled or
disabled with the Local Bus Region Descriptor Register
for PCI to local accesses.
It is the responsibility of external arbitration logic to
monitor the LLOCKo# pin and enforce the meaning for
an atomic operation. For example, if a local master
initiates a locked operation, the local arbiter may choose
to not grant use of the local bus to other masters until
the locked operation is complete.
3.6.3 Direct Slave Priority
Direct Slave accesses have higher priority than DMA
accesses.
Direct Slave accesses preempt DMA transfers. When
the PCI 9080 DMA controller owns the local bus, its
LHOLD output and LHOLDA input are asserted and its
LDSHOLD output is de-asserted. When a Direct Slave
access occurs, PCI 9080 gives up the local bus within
two Lword transfers by de-asserting LHOLD and floating
its local bus outputs. After the PCI 9080 samples its
LHOLDA input de-asserted, it requests the local bus for
a Direct Slave transfer by asserting LHOLD and
LDSHOLD. When the PCI 9080 receives LHOLDA, it
drives the bus and performs the Direct Slave transfer.
Upon completion of the Direct Slave transfer, PCI 9080
gives up the local bus by de-asserting both LHOLD and
LDSHOLD and floating its local bus outputs. After the
PCI 9080 samples its LHOLDA de-asserted and its local
pause timer is zero, it requests the local bus for a DMA
transfer by re-asserting LHOLD. When it receives
LHOLDA, it drives the bus and continues with the DMA
transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com