Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 20Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 21Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 22Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 23Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 24Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 25Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 26Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 27Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 192 page
background image
SECTION 3
PCI 9080
FUNCTIONAL DESCRIPTION
©PLX Technology, Inc., 1997
Page 15
Version 1.02
Table 3-3. Long Serial EEPROM Load Registers
Serial EEPROM Offset
Description
0
Device ID
2
Vendor ID
4
Class Code
6
Class Code, Revision
8
Maximum Latency, Minimum Grant
A
Interrupt Pin, Interrupt Line Routing
C
MSW of Mailbox 0 (User Defined)
E
LSW of Mailbox 0 (User Defined)
10
MSW of Mailbox 1 (User Defined)
12
LSW of Mailbox 1 (User Defined)
14
MSW of Range for PCI to Local Address Space 0
16
LSW of Range for PCI to Local Address Space 0
18
MSW of Local Base Address (Remap) for PCI to Local Address Space 0
1A
LSW of Local Base Address (Remap) for PCI to Local Address Space 0
1C
MSW of Local Arbitration Register
1E
LSW of Local Arbitration Register
20
MSW of Local Bus Big/Little Endian Descriptor Register
22
LSW of Local Bus Big/Little Endian Descriptor Register
24
MSW of Range for PCI to Local Expansion ROM
26
LSW of Range for PCI to Local Expansion ROM
28
MSW of Local Base Address (Remap) for PCI to Local Expansion ROM
2A
LSW of Local Base Address (Remap) for PCI to Local Expansion ROM
2C
MSW of Bus Region Descriptors for PCI to Local Accesses
2E
LSW of Bus Region Descriptors for PCI to Local Accesses
30
MSW of range for Direct Master to PCI
32
LSW of range for Direct Master to PCI
34
MSW of Local Base Address for Direct Master to PCI Memory
36
LSW of Local Base Address for Direct Master to PCI Memory
38
MSW of Local Bus Address for Direct Master to PCI IO/CFG
3A
LSW of Local Bus Address for Direct Master to PCI IO/CFG
3C
MSW of PCI Base Address (Remap) for Direct Master to PCI
3E
LSW of PCI Base Address (Remap) for Direct Master to PCI
40
MSW of PCI Configuration Address Register for Direct Master to PCI IO/CFG
42
LSW of PCI Configuration Address Register for Direct Master to PCI IO/CFG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com