Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 31Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 32Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 33Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 34Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 35Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 36Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 37Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 38Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 192 page
background image
SECTION 3
PCI 9080
FUNCTIONAL DESCRIPTION
©PLX Technology, Inc., 1997
Page 26
Version 1.02
Example 2—A 1 MB Local Address Space 12300000h
through 123FFFFFh is accessible from the PCI bus at
PCI addresses 78900000h through 789FFFFFh.
a.
Local initialization software sets the Range and
Local Base Address Registers as follows:
•
Range—FFF00000h (1 MB, decode the upper
12 PCI address bits)
•
Local Base Address (remap)—123XXXXXh
(Local Base Address for PCI to local accesses)
(bit 0, the Space Enable bit, must be set to 1 to
be recognized by the host)
b.
PCI Initialization software writes all ones to the PCI
Base Address, then reads it back again.
•
PCI 9080 returns a value FFF00000h. The PCI
software then writes to PCI Base Address
register
•
PCI Base Address—789XXXXXh (PCI Base
Address for access to Local Address space)
For PCI direct access to the local bus, PCI 9080 has a
32 Lword (128 byte) write FIFO and a 16 Lword (64
byte) read FIFO. FIFOs enable the local bus to operate
independently of the PCI bus. PCI 9080 can be
programmed to return a RETRY response or to throttle
TRDY# for any PCI bus transaction attempting to write to
the PCI 9080 local bus when the FIFO is full.
For PCI read transactions from the PCI 9080 local bus,
PCI 9080 holds off TRDY# while gathering the local bus
Lword to be returned. For read accesses mapped to the
PCI memory space, PCI 9080 prefetches up to 16
Lwords (has continuous prefetch mode) from the local
bus. Unused read data is flushed from the FIFO. For
read accesses mapped to the PCI I/O space, PCI 9080
does not prefetch read data. Rather, it breaks each read
of the burst cycle into a single address/data cycle on the
local bus.
The period of time the PCI 9080 holds off TRDY# can be
programmed, Target Retry Timer, in the Local Bus
Region Descriptor Register (refer to Table 4-39). PCI
9080 issues a RETRY to the PCI bus transaction master
when the programmed time period expires. This occurs
when the PCI 9080 cannot gain control of the local bus
and return TRDY# within the programmed time period.
3.6.2.3 Deadlock and BREQo
A deadlock situation can occur when a master on the
PCI bus wants to access the PCI 9080 local bus at the
same time a master on the local PCI 9080 bus wants to
access the PCI bus. Two types of deadlock situations
can occur:
•
Partial Deadlock—A master on the local bus is
performing a direct bus master access to a PCI bus
device other than the PCI bus device that is
concurrently trying to access the local bus.
•
Full Deadlock—A master on the local bus is
performing a direct bus master access to the same
PCI bus device that is concurrently trying to access
the local bus.
This applies only to direct (“pass through”) master and
slave accesses through the PCI 9080. Deadlock will not
occur in transfers through the PCI 9080 DMA controller
or the mailboxes.
For partial deadlock, the PCI access to the local bus
times
out
(the
Target
Retry
Timer,
which
is
programmable through the Local Bus Region Descriptor
Register for PCI to local accesses) and the PCI 9080
responds with a PCI RETRY. PCI specification requires
that a PCI master release its request for the PCI bus
(de-asserts REQ#) for a minimum of two PCI clocks after
receiving a RETRY. This allows the PCI bus arbiter to
grant the PCI bus to the PCI 9080 so that it can
complete its direct master access and free up the local
bus. Possible solutions are described below for cases in
which the PCI bus arbiter does not function as described
(PCI bus architecture dependent), waiting for a time-out
is undesirable, or a full deadlock condition exists.
For full deadlock, the only solution is to back off the local
master.
3.6.2.3.1 Backoff
PCI 9080 contains a pin (BREQo) that indicates a
possible deadlock condition exists. PCI 9080 starts the
BREQo timer (programmable through registers) when it
detects the following conditions:
•
A master on the PCI bus is trying to access memory
or an I/O device on the local bus and is not gaining
access (for example, LHOLDA not received).
•
A master on the local bus is performing a direct bus
master read access to the PCI bus or a master on
the local bus is performing a direct bus master write
access to the PCI bus and the PCI 9080’s direct
master write FIFO cannot accept another write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com