Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 100 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 100 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 96Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 97Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 98Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 99Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 100Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 101Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 102Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 103Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 104Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 192 page
background image
SECTION 5
PCI 9080
PIN DESCRIPTION
©PLX Technology, Inc., 1997
Page 91
Version 1.02
Table 5-4. PCI System Bus Interface Pin Description
Symbol
Signal Name
Total
Pins
Pin
Type
Pin
Number
Function
AD[31:0]
Address and Data
32
I/O
TS
PCI
32-36, 39-44,
46-47, 76-81,
84-89, 91-97
All multiplexed on the same PCI pins. A bus transaction consists of an
address phase followed by one or more data phases. PCI 9080
supports both read and write bursts.
C/BE[3:0]#
Bus Command and
Byte Enables
4
I/O
TS
PCI
70-73
All multiplexed on the same PCI pins. During the address phase of a
transaction, C/BE[3:0]# defines the bus command. During the data
phase C/BE[3:0]# are used as Byte Enables. Refer to PCI spec for
further detail if needed.
CLK
Clock
1
I
54
Provides timing for all transactions on PCI and is an input to every
PCI device. PCI operates up to 33 MHz.
DEVSEL#
Device Select
1
I/O
STS
PCI
64
When actively driven, indicates the driving device has decoded its
address as the target of the current access. As an input, indicates
whether any device on the bus is selected.
FRAME#
Cycle Frame
1
I/O
STS
PCI
57
Driven by the current master to indicate the beginning and duration of
an access. FRAME# is asserted to indicate a bus transaction is
beginning. While FRAME# is asserted, data transfers continue. When
FRAME# is negated, the transaction is in the final data phase.
GNT#
Grant
1
I
51
Indicates to the agent that access to the bus is granted. Every master
has its own REQ# and GNT#.
IDSEL
Initialization Device
Select
1
I
63
Used as a chip select during configuration read and write
transactions.
INTA#
Interrupt A
1
O
OC
PCI
55
Used to request an interrupt.
IRDY#
Initiator Ready
1
I/O
STS
PCI
61
Indicates the ability of the initiating agent (bus master) to complete the
current data phase of the transaction.
LOCK#
Lock
1
I/O
STS
PCI
69
Indicates an atomic operation that may require multiple transactions
to complete.
PAR
Parity
1
I/O
TS
PCI
74
Even parity across AD[31:0] and C/BE[3:0]#. Parity generation is
required by all PCI agents. PAR is stable and valid one clock after the
address phase. For data phases, PAR is stable and valid one clock
after either IRDY# is asserted on a write transaction or TRDY# is
asserted on a read transaction. Once PAR is valid, it remains valid
until one clock after the completion of the current data phase.
PERR#
Parity Error
1
I/O
STS
PCI
65
Reporting of data parity errors during all PCI transactions, except
during a Special Cycle.
REQ#
Request
1
O
PCI
50
Indicates to the arbiter that this agent needs to use the bus. Every
master has its own GNT# and REQ#.
RST#
Reset
1
I
56
Used to bring PCI-specific registers, sequencers and signals to a
consistent state.
SERR#
Systems Error
1
O
OC
PCI
66
Reports address parity errors, data parity errors on the Special Cycle
command, or any other system error where the result will be
catastrophic.
STOP#
Stop
1
I/O
STS
PCI
62
Indicates the current target is requesting the master to stop the
current transaction.
TRDY#
Target Ready
1
I/O
STS
PCI
58
Indicates the ability of the target agent (selected device) to complete
the current data phase of the transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com