Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 91 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 87Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 88Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 89Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 90Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 91Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 92Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 93Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 94Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 95Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 82
Version 1.02
4.6.11 (DMACSR0; PCI:A8h, LOC:128h) DMA Channel 0 Command/Status Register
Table 4-72. (DMACSR0; PCI:A8h, LOC:128h) DMA Channel 0 Command/Status Register
Field
Description
Read
Write
Value after Reset
0
Channel 0 Enable. Value of 1 enables channel to transfer data. Value of 0 disables
channel from starting a DMA transfer and if in the process of transferring data
suspend transfer (pause).
Yes
Yes
0
1
Channel 0 Start. Writing 1 to this bit causes channel to start transferring data
if the channel is enabled.
No
Yes/Set
0
2
Channel 0 Abort. Writing 1 to this bit causes channel to abort the current transfer.
Channel enable bit must be cleared. Channel complete bit is set when the abort is
complete.
No
Yes/Set
0
3
Clear Interrupt. Writing 1 to this bit clears Channel 0 interrupts.
No
Yes/Clr
0
4
Channel 0 Done. Value of 1 indicates channel’s transfer is complete. Value of 0
indicates channel’s transfer is not complete.
Yes
No
1
7:5
Reserved.
Yes
No
0
4.6.12 (DMACSR1; PCI:A9h, LOC:129h) DMA Channel 1 Command/Status Register
Table 4-73. (DMACSR1; PCI:A9h, LOC:129h) DMA Channel 1 Command/Status Register
Field
Description
Read
Write
Value after Reset
0
Channel 1 Enable. Value of 1 enables channel to transfer data. Value of 0 disables
channel from starting a DMA transfer and if in the process of transferring data
suspend transfer (Pause).
Yes
Yes
0
1
Channel 1 Start. Writing 1 to this bit causes channel to start transferring data if
channel is enabled.
No
Yes/Set
0
2
Channel 1 Abort. Writing 1 to this bit causes channel to abort the current transfer.
Channel enable bit must be cleared. Channel complete bit is set when the abort is
complete.
No
Yes/Set
0
3
Clear Interrupt. Writing 1 to this bit clears Channel 1 interrupts.
No
Yes/Clr
0
4
Channel 1 Done. Value of 1 indicates this channel’s transfer is complete. Value of 0
indicates channel’s transfer is not complete.
Yes
No
1
7:5
Reserved.
Yes
No
0
4.6.13 (DMAARB; PCI:ACh, LOC:12Ch) DMA Arbitration Register
Same as Mode/Arbitration Register (MARBR) at address (PCI:08h)(LOC:88h) (refer to Table 4-35).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com