Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 28Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 29Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 30Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 31Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 32Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 33Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 34Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 35Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 192 page
background image
SECTION 3
PCI 9080
FUNCTIONAL DESCRIPTION
©PLX Technology, Inc., 1997
Page 23
Version 1.02
3.6.2 Direct Slave Operation (PCI Master to
Local Bus Access)
PCI 9080 supports both burst memory mapped transfer
accesses and I/O-mapped, single-transfer accesses to
the local bus from the PCI bus. PCI Base Address
registers are provided to set up the location of the
adapter in PCI memory and I/O space. In addition, local
mapping registers allow address translation from PCI
address space to Local Address Space. There are three
spaces available:
•
Space 0
•
Space 1
•
Expansion ROM space
Expansion ROM space is intended to support a bootable
ROM device for the host. Each local space can be
programmed to operate 8 bit, 16 bit, or 32 bit local bus
width. PCI 9080 has an internal wait state generator and
external wait state input (READYi#). READYi# can be
disabled or enabled with the internal configuration
register. The local bus, independent of the PCI bus, can
•
Burst as long as data is available (Continuous Burst
mode)
•
Burst four Lwords at a time
•
Perform continuous single cycle, with or without wait
state(s)
For single cycle Direct Slave reads, PCI 9080 reads a
single local bus Lword or partial Lword. PCI 9080
disconnects after one transfer for all Direct Slave I/O
accesses.
For the highest data transfer rate, PCI 9080 supports
posted write and can be programmed to prefetch data
during PCI Burst Read. The prefetch size, when
enabled, can be one to 16 Lwords, or until the PCI stops
requesting. PCI 9080 will prefetch if enabled and drop
the local bus after the prefetch counter is reached. In a
continuous prefetch mode, PCI 9080 prefetches as long
as any FIFO space is available and terminates the
prefetch when the PCI terminates the request. If read
prefetching is disabled, PCI 9080 disconnects after one
read transfer.
3.6.2.1 PCI 2.1 Mode
PCI 9080 can be programmed through the Local
Arbitration and PCI Mode Register to perform delayed
reads, as specified in PCI specification v2.1.
  
  
 
   
    
 
  !
" 
 #
 
 
$%  &!
$%    
   '#( 
# 
$% )!  " 
"  
# !
 
$%   ! 
"   
    
 # "    
$%   &!
   "
   )!
   #
! &!
   $%  
Figure 3-9. PCI Specification v2.1 Delayed Reads
In addition to delayed read, PCI 9080 supports the
following in PCI specification v2.1 features.
•
No write while read is pending (RETRY for reads)
•
Write and flush pending read
PCI 9080 also supports Read Ahead mode (refer to
Figure 3-10), where prefetched data can be read from
the PCI 9080 internal FIFO instead of from the local
side. The address must be subsequent to the previous
address and must be 32-bit aligned (next address =
current address + 4).
 
 
 
  
  
  
   
   
   
   
   
 !
  
  ! 
  " 
    
  
  ##$
   
   
 % 
   ##$
  " "
   
   
     ##$
  !&
   
 
 %
Figure 3-10. PCI 9080 Read Ahead Mode
PCI 9080 can be programmed to keep the PCI bus by
generating a wait state(s), de-asserting TRDY#, if write
FIFO becomes full. PCI 9080 can also be programmed
to keep the local bus, LHOLD is asserted, if Direct Slave
Write FIFO becomes empty or the Direct Slave Read
FIFO becomes full. The local bus is dropped in either



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com