Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 78Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 79Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 80Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 81Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 82Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 83Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 84Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 85Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 73
Version 1.02
4.5.6 (MBOX5; PCI:54h, LOC:D4h) Mailbox Register 5
Table 4-53. (MBOX5; PCI:54h, LOC:D4h) Mailbox Register 5
Field
Description
Read
Write
Value after Reset
31:0
32 Bit Mailbox Register.
Yes
Yes
0
4.5.7 (MBOX6; PCI:58h, LOC:D8h) Mailbox Register 6
Table 4-54. (MBOX6; PCI:58h, LOC:D8h) Mailbox Register 6
Field
Description
Read
Write
Value after Reset
31:0
32 Bit Mailbox Register.
Yes
Yes
0
4.5.8 (MBOX7; PCI:5Ch, LOC:DCh) Mailbox Register 7
Table 4-55. (MBOX7; PCI:5Ch, LOC:DCh) Mailbox Register 7
Field
Description
Read
Write
Value after Reset
31:0
32 Bit Mailbox Register.
Yes
Yes
0
4.5.9 (P2LDBELL; PCI:60h, LOC:E0h) PCI to Local Doorbell Register
Table 4-56. (P2LDBELL; PCI:60h, LOC:E0h) PCI to Local Doorbell Register
Field
Description
Read
Write
Value after Reset
31:0
Doorbell Register. A PCI master can write to this register and generate a local
interrupt to the local processor. The local processor can then read this register to
determine which doorbell bit was asserted. PCI master sets a doorbell by writing 1
to a particular bit. The local processor can clear a doorbell bit by writing 1 to that bit
position.
Yes
Yes/Clr
0
4.5.10 (L2PDBELL; PCI:64h, LOC:E4h) Local to PCI Doorbell Register
Table 4-57. (L2PDBELL; PCI:64h, LOC:E4h) Local to PCI Doorbell Register
Field
Description
Read
Write
Value after Reset
31:0
Doorbell Register. The local processor can write to this register and generate a PCI
interrupt. A PCI master can then read this register to determine which doorbell bit
was asserted. The local processor sets a doorbell by writing 1 to a particular bit.
PCI master can clear a doorbell bit by writing 1 to that bit position.
Yes
Yes/Clr
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com