Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 55Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 56Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 57Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 58Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 59Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 60Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 61Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 62Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 50
Version 1.02
4.2 REGISTER ADDRESS MAPPING
4.2.1 PCI Configuration Registers
Table 4-5. PCI Configuration Registers
To ensure software compatibility with other versions of the PCI 9080 family and to
ensure compatibility with future enhancements,
write a zero to all unused bits.
PCI CFG
Register
Address
Local
Access
(Offset
from Chip
Select
Address)
31
24
23
16
15
8
70
PCI/Local
Writable
Serial
EEPROM
Writable
00h
00h
Device ID
Vendor ID
Local
Y
04h
04h
Status
Command
Y
N
08h
08h
Class Code
Revision ID
Local
Y
0Ch
0Ch
BIST
Header Type
PCI Latency Timer
Cache Line Size
Y [15:0],
Local
N
10h
10h
PCI Base Address 0 for Memory Mapped Configuration Registers (PCIBAR0)
Y
N
14h
14h
PCI Base Address 1 for I/O Mapped Configuration Registers (PCIBAR1)
Y
N
18h
18h
PCI Base Address 2 for Local Address Space 0 (PCIBAR2)
Y
N
1Ch
1Ch
PCI Base Address 3 for Local Address Space 1 (PCIBAR3)
Y
N
20h
20h
Unused Base Address (PCIBAR4)
N
N
24h
24h
Unused Base Address (PCIBAR5)
N
N
28h
28h
Cardbus CIS Pointer (Not Supported)
N
N
2Ch
2Ch
Subsystem ID
Subsystem Vendor ID
Local
Y
30h
30h
PCI Base Address for Local Expansion ROM
Y
N
34h
34h
Reserved
N
N
38h
38h
Reserved
N
N
3Ch
3Ch
Max_Lat
Min_Gnt
Interrupt Pin
Interrupt Line
Y [7:0],
Local
Y
Note:
Refer to the PCI 2.1 spec for definitions of these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com