Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 29Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 30Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 31Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 32Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 33Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 34Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 35Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 36Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 192 page
background image
SECTION 3
PCI 9080
FUNCTIONAL DESCRIPTION
©PLX Technology, Inc., 1997
Page 24
Version 1.02
case when the Local Bus Latency Timer is enabled and
expires. (Refer to Figure 3-11 and Figure 3-12.)


; >; ,<
;  -.
?' 
?' 
)
)=>) ; 
&(); <);
 -.




;  >
Figure 3-11. Direct Slave Write
For direct slave writes, the PCI (Master) writes data to
the local bus (slave). Direct Slave is the “Command from
the PCI host,” which has the highest priority. Direct
Slave or Direct Master pre-empts DMA; however, Direct
Slave does not pre-empt Direct Master (refer to Section
3.6.2.3.1, “Backoff”).


; >; ,<;
 >
;  -.
?' 
?' 
); 
)=>) 
&(); <);
 -.





Figure 3-12. Direct Slave Read
For direct slave reads, the PCI (Master) reads data from
the local bus (Slave).
PCI 9080 supports on-the-fly Endian conversion for
Space 0, Space 1, and expansion ROM space. The local
bus can be Big/Little Endian by either using the
BIGEND# input pin or the programmable internal register
configuration. When BIGEND# is asserted, it overwrites
the internal register configuration.
Note:
PCI bus is always Little Endian.
3.6.2.2 PCI to Local Address Mapping
Note:
Not applicable if I2O mode.
Three local address spaces—Space 0, Space 1, and
expansion ROM—are accessible from the PCI bus. Each
is defined by a set of three registers:
•
Local Address Range
•
Local Base Address
•
PCI Base Address
A fourth register, Bus Region Descriptor Register for PCI
to local accesses, defines the local bus characteristics
for both regions. (Refer to Figure 3-13.)
3.6.2.2.1 Byte Enables
LBE[3:0]# (pins 139-142) are encoded based on the
configured bus width, as follows:
32-Bit Bus—For a 32-bit bus, the four byte enables
indicate which of the four bytes are active during a data
cycle.
•
BE3# Byte Enable 3—LD[31:24]
•
BE2# Byte Enable 2—LD[23:16]
•
BE1# Byte Enable 1—LD[15:8]
•
BE0# Byte Enable 0—LD[7:0]
16-Bit Bus—For a 16-bit bus, BE3#, BE1# and BE0#
are encoded
to
provide
BHE#,
LA1,
and
BLE#,
respectively.
•
BE3# Byte High Enable (BHE#)—LD[15:8]
•
BE2# not used
•
BE1# Address bit 1 (LA1)
•
BE0# Byte Low Enable (BLE#)— LD[7:0]
8-Bit Bus—For an 8-bit bus, BE1# and BE0# are
encoded to provide LA1 and LA0, respectively.
•
BE3# not used
•
BE2# not used
•
BE1# Address bit 1 (LA1)
•
BE0# Address bit 0 (LA0)
Each PCI to Local Address space is defined as part of
reset initialization as described in the next section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com