Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 21Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 22Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 23Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 24Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 25Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 26Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 27Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 28Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 192 page
background image
SECTION 3
PCI 9080
FUNCTIONAL DESCRIPTION
©PLX Technology, Inc., 1997
Page 16
Version 1.02
3.3.3 Extra Long Serial EEPROM Load
An Extra Long Load mode is provided in the PCI 9080
(refer to Table 4-39) to load an additional five Lwords
from the serial EEPROM. If bit 25 is set to 1 in the Local
Bus Region Descriptor Register (LOC:98h) (refer to
Table 4-39), the following five Lword registers are loaded
in addition to normal Long Load process (refer to Section
3.3.2, “Long Serial EEPROM Load”). Bit 25 must be set
to 1 during the Long Load Process. (Refer to Table 3-4.)
Table
3-4.
Extra
Long
Serial
EEPROM
Load
Registers
Serial
EEPROM
Offset
Description
44
Subsystem ID
46
Subsystem Vendor ID
48
MSW of Range for PCI to Local Address Space 1
(1 MB)
4A
LSW of Range for PCI to Local Address Space 1
(1 MB)
4C
MSW of Local Base Address (Remap) for PCI
to Local Address Space 1
4E
LSW of Local Base Address (Remap) for PCI
to Local Address Space 1
50
MSW of Bus Region Descriptors (Space 1) for PCI
to local accesses
52
LSW of Bus Region Descriptors (Space 1) for PCI
to local accesses
54
MSW of PCI Base Address for local expansion ROM
56
LSW of PCI Base Address for local expansion ROM
3.3.4 Recommended Serial EEPROMs
A 1K bit (National NM93CS46 or compatible) or 2K bit
(National NM93CS56 or compatible) device can be
used. Table 3-5 lists the recommended serial EEPROM
loads. Refer also to Table 5-2 in Section 5, “Pin
Description.”
Table 3-5. Recommended Serial EEPROM Loads
Load
Unused Bytes For
CS46 (1K)
Unused Bytes For
CS56 (2K)
Short
108
364
Long
60
316
Extra Long
40
296
Note:
PCI 9080 does not support serial EEPROMs
that do not support sequential read and write (such as
the NM93C46 or NM93C56).
3.3.5 Programming the Serial EEPROM
The serial EEPROM can be written or read, using bits
[28:24] of the Serial EEPROM Control Register (refer to
Table 4-59[28:24]).
3.4 INTERNAL REGISTER ACCESS
PCI 9080 chip provides several internal registers,
allowing for maximum flexibility in bus interface design
and performance. The register types are accessible from
both the PCI and local buses, including the following:
•
PCI configuration registers
•
Local configuration registers
•
Mailbox registers
•
Doorbell registers
•
DMA registers
•
Messaging queue registers (I2O)
Figure 3-2 illustrates how these registers are accessed.








  
 
  
 
  
 
  
  
  
  
  
 
    


Figure 3-2. PCI 9080 Internal Register Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com