Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 63Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 64Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 65Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 66Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 67Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 68Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 69Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 70Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 58
Version 1.02
4.3.9 (PCIBISTR; PCI:0Fh, LOC:0Fh) PCI Built-In Self Test (BIST) Register
Table 4-18. (PCIBISTR; PCI:0Fh, LOC:0Fh) PCI Built-In Self Test (BIST) Register
Field
Description
Read
Write
Value after Reset
3:0
Value of 0 indicates device passed its test. Nonzero values indicate the device
failed. Device specific failure codes can be encoded in the nonzero value.
Yes
Local
0
5:4
Reserved. Device returns 0.
Yes
No
0
6
PCI writes a 1 to invoke BIST. Generates an interrupt to local bus. Local bus resets
the bit when BIST is complete. Software should fail device if BIST is not complete
after two seconds.
Refer to Runtime registers for interrupt control/status.
Yes
Yes
0
7
Returns 1 if the device supports BIST. Returns 0 if the device is not BIST
compatible.
Yes
Local
0
4.3.10 (PCIBAR0; PCI:10h, LOC:10h) PCI Base Address Register for Memory Accesses to
Local, Runtime, and DMA Registers
Table 4-19. (PCIBAR0; PCI:10h, LOC:10h) PCI Base Address Register for Memory Accesses to Local, Runtime,
and DMA Registers
Field
Description
Read
Write
Value after Reset
0
Memory Space Indicator. Value of 0 indicates register maps into memory space.
Value of 1 indicates register maps into I/O space.
Note:
Hardcoded to 0.
Yes
No
0
2:1
Location of Register. Location values:
00—Locate anywhere in 32 bit memory address space
01—Locate below 1 MB memory address space
10—Locate anywhere in 64 bit memory address space
11—Reserved
Note:
Hardcoded to 0.
Yes
No
0
3
Prefetchable. Value of 1 indicates there are no side effects on reads. This bit has
no effect on the operation of the PCI 9080.
Note:
Hardcoded to 0.
Yes
No
0
7:4
Memory Base Address. Memory base address for access to Local, Runtime, and
DMA registers (default is 256 bytes).
Note:
Hardcoded to 0.
Yes
No
0
31:8
Memory Base Address. Memory base address for access to Local, Runtime, and
DMA registers.
Yes
Yes
0
Note:
For I2O, the Inbound message frame pool must reside in the address space pointed to by PCIBAR0. Message
Frame Address (MFA) is defined by I2O as the offset from this base address to the start of the message frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com