Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 30Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 31Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 32Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 33Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 34Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 35Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 36Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 37Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 192 page
background image
SECTION 3
PCI 9080
FUNCTIONAL DESCRIPTION
©PLX Technology, Inc., 1997
Page 25
Version 1.02
3.6.2.2.2 Local Bus Initialization Software
Range—Specifies which PCI address bits to use for
decoding a PCI access to local bus space. Each of the
bits
corresponds
to
a
PCI
address
bit.
Bit
31
corresponds to Address bit 31. Write a value of 1 to all
bits that must be included in decode and a 0 to all
others.
Remap PCI to Local Addresses into a Local Address
Space—Bits in this register remap (replace) the PCI
address bits used in decode as the Local Address bits.
Local Bus Region Descriptor—Specifies the local bus
characteristics.
3.6.2.2.3 PCI Initialization Software
PCI reset software determines how much address space
is required by writing a value of all ones (1) to a PCI
Base Address register and then reading back the value.
PCI 9080 return zeroes in “don’t care” address bits,
effectively specifying the address space required. The
PCI software then maps the Local Address space into
the PCI Address space by programming the PCI Base
Address register. (Refer to Figure 3-13.)
 


  

    
  
      && '  %
          
(   '       
      )*' 
         
 ( &&    && '  %
(   '       
 ( &&    )*' 

  
 
 
  
 
 
 

 

 

 

 

 
 

 

   



Figure 3-13. Direct Slave Access of Local Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com