Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 98 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 98 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 94Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 95Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 96Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 97Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 98Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 99Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 100Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 101Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 102Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 192 page
background image
SECTION 5
PCI 9080
PIN DESCRIPTION
©PLX Technology, Inc., 1997
Page 89
Version 1.02
5. PIN DESCRIPTION
5.1 PIN SUMMARY
The tables in this section describe PCI 9080 pins. Table
5-2 through Table 5-5 provide pin information common
to all three local bus modes of operation (that is, C, J,
and S modes):
•
Power and Ground Pin Description
•
Serial EEPROM Interface Pin Description
•
PCI System Bus Interface Pin Description
•
Local Bus Mode and Processor Independent
Interface Pin Description
The pins in Table 5-6 through Table 5-8 correspond to
the local bus modes of the PCI 9080:
•
C Bus Mode Interface Pin Description (32-bit
address/32-bit data, nonmultiplexed)
•
J Bus Mode Interface Pin Description (32-bit
address/32-bit data, multiplexed)
•
S Bus Mode Interface Pin Description (32-bit
address/16-bit data, multiplexed)
The following pins have internal pull-ups:
ADMODE, BIGEND#, BTERM#, DREQ[1:0]#, EEDO,
EESEL, LINTi#, LLOCK#, LRESETi#, NB#, READYi#,
S[2:0], SHORT#, and WAITI#.
The following pins have internal pull-downs:
BREQ, LHOLDA, TEST, and USERI.
For a visual view of the chip pin out, refer to Figure 7-3
in Section 7.3, “9080 Pin Out (S, J, and C Modes).”
Table 5-1 lists the abbreviations used in this section to
represent the various pin types.
Table 5-1. Pin Type Abbreviations
Abbreviation
Pin Type
I/O
Input and output pin
I
Input pin only
O
Output pin only
TS
Tri-state pin
OC
Open collector pin
TP
Totem pole pin
STS
Sustained tri-state pin, driven high for one CLK
before float
DTS
Driven tri-state pin, driven high for one-half CLK
before float
All local bus internal pull-ups go through a 2 k
Ω resistor.
All local bus internal pull-downs go through a 100 k
Ω
resistor.
All local tri-state I/O pins should have external pull-ups
(use 3 k
Ω - 10 kΩ).
Unspecified pins are not connected.
Note:
For PCI Pins, DO NOT pull up or down any pins
unless the PCI 9080 is being used in an embedded
design. Refer to the PCI Local Bus Specification, v2.1,
page 123.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com