Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 102 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 102 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 98Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 99Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 100Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 101Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 102Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 103Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 104Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 105Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 106Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 192 page
background image
SECTION 5
PCI 9080
PIN DESCRIPTION
©PLX Technology, Inc., 1997
Page 93
Version 1.02
Table 5-5. Local Bus Mode and Processor Independent Interface Pin Description (continued)
Symbol
Signal Name
Total
Pins
Pin
Type
Pin
Number
Function
LSERR#
System Error
Interrupt Output
1
O
TP
8 mA
23
Synchronous level output that is asserted when the PCI bus Target
Abort or Master Abort status bit is set in the PCI Status configuration
register. If an edge level interrupt is required, disabling and then
enabling LSERR# interrupts through the interrupt/control status
creates an edge if an interrupt condition still exists or a new interrupt
condition occurs.
MODE[1:0]
Bus Mode
2
I
9, 10
Selects the bus operation mode of the PCI 9080:
Bit 1
Bit 0
Bus Mode
00C
01J
10S
1
1
Reserved
NB#
No Local Bus
Initialization
1I
26
Externally forces Local Init Done bit in the Init Control Register to 1.
Init Done bit is also programmable through local bus configuration
accesses. PCI 9080 issues RETRYs to all PCI accesses until Local
Init Done bit is set. If this bit is not going to be set by a local
processor, tie NB# low.
PCHK#
Data Parity Check
1
O
TP
8 mA
16
Parity is checked for writes to the PCI 9080 or reads by the PCI 9080.
Parity is checked for each byte lane with its byte enable asserted.
Asserted in the clock cycle following the data being checked if a parity
error is detected.
S[2:0]
Address Select
3
I
17-19
If ADMODE is high, internal PCI 9080 registers are selected when
LA[31:29] match S[2:0].
If ADMODE is low, the internal PCI 9080 registers are selected when
S0 is asserted low.
USERI
User Input
1
1
31
General purpose input that can be read from the PCI 9080
configuration registers.
USERO
User Output
1
O
TP
12 mA
27
General purpose output controlled from the PCI 9080 configuration
registers.
WAITI#
Wait Input
1
I
6
Can be asserted to cause the PCI 9080 to insert wait states for local
direct master accesses to the PCI bus. Can be thought of as a ready
input for direct master accesses.
WAITO#
Wait Out
1
O
TS
8 mA
149
Indicates the PCI 9080 programmable wait state generator status.
WAITO# is asserted when wait states are being caused by the
internal wait state generator. Can be thought of as an output providing
ready out status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com