Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 105 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 105 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 101Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 102Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 103Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 104Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 105Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 106Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 107Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 108Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 109Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 192 page
background image
SECTION 5
PCI 9080
PIN DESCRIPTION
©PLX Technology, Inc., 1997
Page 96
Version 1.02
5.4 J BUS MODE PIN OUT
Table 5-7. J Bus Mode Interface Pin Description
J Bus Mode
Symbol
Signal Name
Total
Pins
Pin
Type
Pin
Number
Function
ALE
Address Latch Enable
1
O
TS
8 mA
161
Asserted during the address phase and negated before the data
phase.
ADS#
Address Strobe
1
I/O
TS
12 mA
154
Indicates the valid address and the start of a new bus access.
Asserted for the first clock of a bus access.
BLAST#
Burst Last
1
I/O
TS
8 mA
155
Signal driven by the current local bus master to indicate the last
transfer in a bus access.
BTERM#
Burst Terminate
1
I
146
For processors that burst up to four Lwords. If Bterm is disabled
through the PCI 9080 configuration registers, PCI 9080 also bursts
up to four Lwords. If enabled, PCI 9080 continues to burst until a
BTERM# input is asserted. BTERM# is a ready input that breaks up
a burst cycle and causes another address cycle to occur. Used in
conjunction with the PCI 9080 programmable wait state generator.
DEN#
Data Enable
1
I/O
TS
12 mA
145
As an input, DEN# must only be asserted during data phases. For
processor systems in which ADS# is not asserted during the data
phase, DEN# can be pulled high.
As an output, DT/R# is used in conjunction with DEN# to provide
control for data transceivers attached to the local bus.
DT/R#
Data
Transmit/Receive
1
O
TS
12 mA
138
Used in conjunction with DEN# to provide control for data transceivers
attached to the local bus. When asserted the signal indicates the PCI
9080 receives data.
LW/R#
Write/Read
1
I/O
TS
12 mA
137
Asserted low for reads and high for writes.
LABS[3:2]
Address Bus Burst
2
I/O
TS
8 mA
162,163
Carries the word address of the 32 bit memory address. These bits
are incremented during a burst access.
LAD[31:0]
Address/Data Bus
32
I/O
TS
8 mA
136, 135,
133-125,
122-115,
113-106,
103-99
During the address phase, the bus carries the upper 30 bits of the
physical address bus. During the data phase, the bus carries 32 bits
of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com