Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 107 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 107 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 103Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 104Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 105Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 106Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 107Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 108Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 109Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 110Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 111Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 192 page
background image
SECTION 5
PCI 9080
PIN DESCRIPTION
©PLX Technology, Inc., 1997
Page 98
Version 1.02
5.5 S BUS MODE PIN OUT
Table 5-8. S Bus Mode Interface Pin Description
S Bus Mode
Symbol
Signal Name
Total
Pins
Pin
Type
Pin
Number
Function
ALE
Address Latch
Enable
1O
TS
8 mA
161
Asserted during the address phase and negated before the data
phase.
AS#
Address Strobe
1
I/O
TS
12 mA
154
Indicates valid address and the start of a new bus access. Asserted
for the first clock of a bus access.
BLAST#
Burst Last
1
I/O
TS
8 mA
155
Signal driven by the current local bus master to indicate the last
transfer in a bus access.
BTERM#
Burst Terminate
1
I
146
For processors that burst up to eight words and do not use BTERM#
input. If Bterm is disabled through the PCI 9080 configuration
registers, PCI 9080 also bursts up to eight words. If enabled, PCI
9080 continues to burst until a BTERM# input is asserted. BTERM#
breaks up a burst cycle and causes another address cycle to occur.
Used in conjunction with the PCI 9080 programmable wait state
generator.
DEN#
Data Enable
1
O
TS
12 mA
145
Used in conjunction with DT/R# to provide control for data
transceivers attached to the local bus.
DT/R#
Data
Transmit/Receive
1
O
TS
12 mA
138
Used in conjunction with DEN# to provide control for data transceivers
attached to the local bus. When asserted, the signal indicates the PCI
9080 is receiving data.
LA[31:16]
Address Bus
16
I/O
TS
8 mA
136, 135,
133-125,
122-118
Carries the upper 16 bits of the address.
LABS[3:1]
Address Bus Burst
3
I/O
TS
8 mA
162-164
Carries the word address of the 32 bit memory address. These bits
are incremented during a burst access.
LAD[15:1],D0
Address/Data Bus
16
I/O
TS
8 mA
117-115,
113-106,
103-99
During the address phase, carries the lower physical address bits.
During the data phase, carries 16 bits of data.
LBE[1:0]#
Byte Enables
2
I/O
TS
12 mA
141,142
Indicate which of the two bytes are active during a data cycle.
LCLK
Local Clock
1
I
160
Local clock input.
Note:
For i960®S processor systems, CLK2 input. i960®S
processor’s RESET# input must be connected to PCI 9080
LRESETo# output. This enables PCI 9080 to determine the phase of
the 2x clock processor.
LHOLD
Hold Request
1
O
TP
8 mA
158
Asserted to request use of the local bus. The local bus arbiter asserts
LHOLDA when control is granted.
LHOLDA
Hold Acknowledge
1
I
159
Asserted by the local bus arbiter when control is granted in response
to LHOLD. The bus should not be granted to the PCI 9080 unless
requested by LHOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com