Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 111 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 111 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 107Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 108Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 109Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 110Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 111Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 112Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 113Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 114Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 115Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 192 page
background image
SECTION 6
PCI 9080
ELECTRICAL SPECIFICATIONS
©PLX Technology, Inc., 1997
Page 102
Version 1.02










Figure 6-2. PCI 9080 Local Output Delay
Table 6-6. AC Electrical Characteristics (Local Outputs) Estimated over Operating Range
Signals (Synchronous Outputs)
CL = 50 pF, VCC = 5.0
± 5%
Output
TVALID (Max)
ADS#
14.5
ALE (J and S modes) (address setup and hold relative to ALE negative edge)
—
BLAST#
16
BREQo
13
BTERMo#
15
DACK[1:0]#
14
DEN#
13
DMPAF#
—
DP[3:0]
20
DT/R#
16
LA[31:2]
20
LABS[3:1] (S mode), LABS[3:2] (J mode)
12
LBE[3:0]#
16
LD[31:0]
20
LHOLD
14
LINTo#
13
LSERR#
14
LW/R#
14.5
PCHK#
13
READYo#
14
WAITO#
20
Note:
All TVALID (Mins) values are greater than 5 nsec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com