Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 110 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 110 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 106Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 107Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 108Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 109Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 110Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 111Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 112Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 113Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 114Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 192 page
background image
SECTION 6
PCI 9080
ELECTRICAL SPECIFICATIONS
©PLX Technology, Inc., 1997
Page 101
Version 1.02


  

 



Figure 6-1. PCI 9080 Local Input Setup and Hold Waveform
Table 6-5. AC Electrical Characteristics (Local Inputs) Estimated over Operating Range
Signals (Synchronous Inputs)
CL = 50 pF, VCC = 5.0
± 5%
TSETUP
(nsec)
THOLD (nsec)
(WORST CASE)
ADS#
7
1.5
BLAST#
5
2.3
BTERM#
7
1.5
DP[3:0]
9
1.5
DREQ[1:0]#
6
1.5
LA[31:0]
10
1.5
LBE[3:0]#
8
1.5
LD[31:0]
9
1.5
LW/R#
9
1.5
READYi#
8
1.5
Input Clocks
Min
Max
Local Clock Input Frequency
0
40 MHz
PCI Clock Input Frequency
0
33 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com