Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 109 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 109 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 105Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 106Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 107Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 108Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 109Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 110Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 111Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 112Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 113Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 192 page
background image
SECTION 6
PCI 9080
ELECTRICAL SPECIFICATIONS
©PLX Technology, Inc., 1997
Page 100
Version 1.02
6. ELECTRICAL SPECIFICATIONS
Table 6-1. Absolute Maximum Ratings
Specification
Maximum Rating
Storage Temperature
-65
°C to +150 °C
Ambient Temperature with Power Applied
-55
°C to +125 °C
Supply Voltage to Ground
-0.5 V to +7.0 V
Input Voltage (VIN)
VSS -0.5 V, VDD +0.5 V
Output Voltage (VOUT)
VSS -0.5 V, VDD +0.5 V
Table 6-2. Operating Ranges
Input Voltage (VIN)
Ambient
Temperature
Supply Voltage
(VDD)
Min
Max
0
°C to +70 °C
5 V ±5%
VSS
VDD
Table 6-3. Operating Ranges
Parameter
Test Conditions
Pin Type
Typical Value
Units
CIN
VIN = 2.0 V, f = 1 MHz
Input
5
pF
COUT
VOUT = 2.0 V, f = 1 MHz
Output
10
pF
Table 6-4. Electrical Characteristics Estimated over Operating Range
Parameter
Description
Test Conditions
Min
Max
Units
VOH
Output High Voltage
IOH = -4.0 mA
2.4
VDD
V
VOL
Output Low Voltage
VDD = Min
VIN = VIH or VIL
IOL per Tables
VSS
0.4
V
VIH
Input High Level
—
—
2.0
5.5
V
VIL
Input Low Level
—
—
-0.5
0.3
V
VOH3
PCI 3.3 V Output High Voltage
VDD = Min
IOH = -4.0 mA
—
—
V
VOL3
PCI 3.3 V Output Low Voltage
VIN = VIH or VIL
IOL per Tables
—
—
V
VIH3
PCI 3.3 V Input High Level
—
—
—
—
V
VIL3
PCI 3.3 V Input Low Level
—
—
—
—
V
ILI
Input Leakage Current
VSS
≤ VIN ≤ VDD, VDD = Max
-10
+10
µA
IOZ
Tri-State Output Leakage Current
VDD = Max, VSS
≤ VIN ≤ VDD
-10
+10
µA
ICC
Power Supply Current
VDD=5.25 V, PCLK=LCLK=33 MHz
—
130
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com