Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 64Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 65Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 66Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 67Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 68Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 69Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 70Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 71Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 59
Version 1.02
4.3.11 (PCIBAR1; PCI:14h, LOC:14h) PCI Base Address Register for I/O Accesses to Local,
Runtime, and DMA Registers
Table 4-20. (PCIBAR1; PCI:14h, LOC:14h) PCI Base Address Register for I/O Accesses to Local, Runtime, and
DMA Registers
Field
Description
Read
Write
Value after Reset
0
Memory Space Indicator. Value of 0 indicates register maps into memory space.
Value of 1 indicates register maps into I/O space.
Note:
Hardcoded to 1.
Yes
No
1
1
Reserved.
Yes
No
0
7:2
I/O Base Address. Base Address for I/O access to Local, Runtime, and DMA
registers. (Default is 256 bytes)
Note:
Hardcoded to 0.
Yes
No
0
31:8
I/O Base Address. Base Address for I/O access to Local, Runtime, and DMA
registers.
Yes
Yes
0
4.3.12 (PCIBAR2; PCI:18h, LOC:18h) PCI Base Address Register for Memory Accesses to
Local Address Space 0
Table 4-21. (PCIBAR2; PCI:18h, LOC:18h) PCI Base Address Register for Memory Accesses to Local Address
Space 0
Field
Description
Read
Write
Value after
Reset
0
Memory Space Indicator. Value of 0 indicates register maps into memory space.
Value of 1 indicates register maps into I/O space.
(Specified in LAS0RR register.)
Yes
No
0
2:1
Location of Register (If memory space). Location values:
00—Locate anywhere in 32 bit memory address space
01—Locate below 1 MB memory address space
10—Locate anywhere in 64 bit memory address space
11—Reserved
(Specified in LAS0RR register.)
If I/O Space, bit 1 is always 0 and bit 2 is included in the base address.
Yes
Mem: No
I/O:
bit 1 no,
bit 2 yes
0
3
Prefetchable (If memory space). Value of 1 indicates there are no side effects on
reads. This bit reflects the value of bit 3 in the LAS0RR register and provides only
status to the system. This bit has no effect on the operation of the PCI 9080.
Prefetching features of this address space are controlled by the associated Bus
Region Descriptor Register.
(Specified in LAS0RR register.)
If I/O Space, bit 3 is included in the base address.
Yes
Mem: No
I/O: Yes
0
31:4
Memory Base Address. Memory base address for access to Local Address Space
0.
Yes
Yes
0
Note:
PCIBAR2 can be enabled or disabled by setting or clearing bit 0 in the LAS0BA register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com