Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 58Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 59Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 60Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 61Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 62Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 63Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 64Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 65Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 53
Version 1.02
4.2.4 DMA Registers
Table 4-8. DMA Registers
PCI
(Offset
from Base
Address)
Local
Access
(Offset
from Chip
Select
Address)
To ensure software compatibility with other versions of the PCI 9080 family and to
ensure compatibility with future enhancements, write a zero to all unused bits.
31
0
PCI/Local
Writable
Serial
EEPROM
Writable
80h
100h
DMA Ch 0 Mode
Y
N
84h
104h
DMA Ch 0 PCI Address
Y
N
88h
108h
DMA Ch 0 Local Address
Y
N
8Ch
10Ch
DMA Ch 0 Transfer Byte Count
Y
N
90h
110h
DMA Ch 0 Descriptor Pointer
Y
N
94h
114h
DMA Ch 1 Mode
Y
N
98h
118h
DMA Ch 1 PCI Address
Y
N
9Ch
11Ch
DMA Ch 1 Local Address
Y
N
A0h
120h
DMA Ch 1 Transfer Byte Count
Y
N
A4h
124h
DMA Ch 1 Descriptor Pointer
Y
N
A8h
128h
Reserved
DMA Channel 1
Command/Status
Register
DMA Channel 0
Command/Status
Register
YN
ACh
12Ch
Mode/Arbitration Register
Y
N
B0h
130h
DMA Threshold Register
Y
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com