Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 48Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 49Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 50Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 51Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 52Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 53Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 54Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 55Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 43
Version 1.02
4. REGISTERS
4.1 NEW REGISTER DEFINITIONS SUMMARY
Refer to the descriptions in the following sections for a full explanation.
Table 4-1. New Registers Definitions Summary
PCI
Offset
Local
Offset
Register
Bits
Description
23
Add PCIREQMODE output.
08h or ACh
88h or 12Ch
MARBR
28
Read Ahead mode.
18h
98h
LBRD0
15
Single read mode removed.
10
Extend almost full flag to five bits (fifth bit not contiguous).
11
Add CDMPFLIMIT output; do not prefetch past 4K boundary for DM.
12, 3
Direct master read prefetch size control.
13
I/O Remap select.
28h
A8h
DMPBAM
15:14
Direct master write delay.
30h
B0h
OPLFIS
all
New outbound post list FIFO Interrupt Status Register.
34h
B4h
OPLFIM
all
New outbound post list FIFO Interrupt Mask Register.
40h
N/A
IQP
all
New inbound queue port register.
44h
N/A
OQP
all
New outbound queue port register.
4
Move DMA0INTSEL output to DMAMODE0. Change to reserved.
5
Move DMA1INTSEL output to DMAMODE1. Change to reserved.
3
Mailbox interrupt enable on F, not on 9060.
68h
E8h
INTCSR
31:28
Mailbox interrupts on SD, not on 9060.
16
Clear byte count in chaining descriptor.
80h
100h
DMAMODE0
17
Add C0_INTSEL output. 0=local int., 1=PCI int.
16
Clear byte count in chaining descriptor.
94h
114h
DMAMODE1
17
Add C1_INTSEL output. 0=local int., 1=PCI int.
C0h
140h
MQCR
all
New messaging queue configuration register.
C4h
144h
QBAR
all
New queue base address register.
C8h
148h
IFHPR
all
New inbound free head pointer.
CCh
14Ch
IFTPR
all
New inbound free tail pointer.
D0h
150h
IPHPR
all
New inbound post head pointer.
D4h
154h
IPTPR
all
New inbound post tail pointer.
D8h
158h
OFHPR
all
New outbound free head pointer.
DCh
15Ch
OFTPR
all
New outbound free tail pointer.
E0h
160h
OPHPR
all
New outbound post head pointer.
E4h
164h
OPTPR
all
New outbound post tail pointer.
E8h
168h
QSR
all
New I2O queue status register.
F0h
170h
LAS1RR
all
New Local Address Space 1 Range Register for PCI to local.
F4h
174h
LAS1BA
all
New Local Address Space 1 Local Base Address (Remap).
F8h
178h
LBRD1
all
New Local Address Space 1 Bus Region Descriptor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com