Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 42Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 43Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 44Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 45Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 46Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 47Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 48Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 49Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 192 page
background image
SECTION 3
PCI 9080
FUNCTIONAL DESCRIPTION
©PLX Technology, Inc., 1997
Page 37
Version 1.02
A Done Status Bit in the Control/Status Register can be
used to determine whether the interrupt is
•
A done interrupt
•
The result of a transfer for a descriptor in a chain
that is not yet complete
Mode Register of a channel enables a done interrupt. In
chaining mode, a bit in the Next Descriptor Pointer
Register of the channel (loaded from local memory)
specifies whether to generate an interrupt at the end of
the transfer for the current descriptor.
A DMA channel interrupt is cleared by writing a 1 to the
Clear Interrupt bit in the DMA Command/Status Register
(refer to Table 4-72[3] and Table 4-73[3]).
3.12.3 PCI SERR# (PCI NMI)
PCI 9080 generates an SERR# pulse if parity checking
is enabled in the PCI Command Register and it detects
an address parity error or the Generate SERR# Bit in the
Interrupt Control/Status Register (refer to Table 4-58) is
0 and a 1 is written.
SERR# output can be enabled or disabled with PCI
Command Register.
3.12.4 Local LSERR# (Local NMI)
LSERR# interrupt output is asserted if the following
occurs:
•
PCI Bus Target Abort or Master Abort status bit is
set in the PCI Status configuration register
•
Parity error status bit is set in the PCI Status
configuration register
•
Messaging outbound free queue overflows
If parity error checking is enabled in the PCI Command
Register, PCI 9080 sets the Master Detected Parity Error
Status bit in the PCI Status configuration register (refer
to Table 4-12) if it detects one of the following:
•
Parity error during a PCI 9080 master read
•
PCI bus signal PERR# being asserted during a PCI
9080 master write
PCI 9080 sets a parity error bit in the PCI Status
configuration register (refer to Table 4-12) if it detects
one of the following:
•
Data parity error during a PCI 9080 master read
•
Data parity error during a slave write access to the
PCI 9080
•
Address parity error
The PCI 9080 Interrupt Control/Status Register (refer to
Table 4-58) can be used to individually enable or disable
LSERR# for an abort or parity error. LSERR# is a level
output that remains asserted as long as the Abort or
Parity Error Status bits are set.
3.13 I20 COMPATIBLE MESSAGE UNIT
Messaging Unit supplies two paths for messages, two
inbound FIFOs to receive messages from the primary
PCI bus and two outbound FIFOs to pass messages to
the
primary
PCI
bus.
Refer
to
I2O Architecture
Specification v1.5 for details.
Figure 3-22 and Figure 3-23 illustrate information about
the I20 architecture.
+  
 
&! 
   
$ ,  - $  
 

 
  
 

 
 
 
   
   
  
  


 
 
Figure 3-22. I2O System Architecture
  
 

    
     



 

   


 

Figure 3-23. I2O Software Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com