Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 62Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 63Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 64Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 65Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 66Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 67Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 68Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 69Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 57
Version 1.02
4.3.5 (PCICCR; PCI:09-0Bh, LOC:09-0Bh) PCI Class Code Register
Table 4-14. (PCICCR; PCI:09-0Bh, LOC:09-0Bh) PCI Class Code Register
Field
Description
Read
Write
Value after Reset
7:0
Register Level Programming Interface. 00h = Queue Ports at 40h and 44h.
01h = Queue Ports at 40h and 44h, and Int Status and Int Mask at 30h and 34h,
respectively.
Yes
Local/
Serial
EEPROM
00
15:8
Subclass Code. 80h = Other Bridge Device, 00h = I2O Device.
Yes
Local/
Serial
EEPROM
80h
23:16
Base Class Code. 06h = Bridge Device, 0Eh = I2O controller.
Yes
Local/
Serial
EEPROM
06h
4.3.6 (PCICLSR; PCI:0Ch, LOC:0Ch) PCI Cache Line Size Register
Table 4-15. (PCICLSR; PCI:0Ch, LOC:0Ch) PCI Cache Line Size Register
Field
Description
Read
Write
Value after Reset
7:0
System cache line size in units of 32-bit words.
Yes
Yes
0
4.3.7 (PCILTR; PCI:0Dh, LOC:0Dh) PCI Latency Timer Register
Table 4-16. (PCILTR; PCI:0Dh, LOC:0Dh) PCI Latency Timer Register
Field
Description
Read
Write
Value after Reset
7:0
PCI Latency Timer. Units of PCI bus clocks that specify the amount of time the
PCI 9080, as a bus master, can burst data on the PCI bus.
Yes
Yes
0
4.3.8 (PCIHTR; PCI:0Eh, LOC:0Eh) PCI Header Type Register
Table 4-17. (PCIHTR; PCI:0Eh, LOC:0Eh) PCI Header Type Register
Field
Description
Read
Write
Value after Reset
6:0
Configuration Layout Type. Specifies the layout of bits 10h through 3Fh in
configuration space. Only one encoding 0 is defined. All other encodings are
reserved.
Yes
Local
0
7
Header Type. Value of 1 indicates multiple functions. Value of 0 indicates a single
function.
Yes
Local
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com