Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 49Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 50Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 51Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 52Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 53Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 54Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 55Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 56Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 44
Version 1.02
4.1.1 Register Differences between PCI 9080 and PCI 9060, PCI 9060ES, and PCI 9060SD
Table 4-2. Register Differences between PCI 9080 and PCI 9060
Register
PCI/Local Offset
Bits
Description
PCIIDR
00/00
31:16
Default changed from PCI 9060 to PCI 9080
PCICR
04/04
4
Memory Write and Invalidate now supported
PCISR
06/06
6
User definable bit added
PCICLSR
0C/0C
7:0
Cache line size is now used for Memory Write and Invalidate
PCIBAR0
10/10
8:6
Register Bank size changed from 128 to 256
PCIBAR1
14/14
8:6
Register Bank size changed from 128 to 256
PCIBAR3
1C/1C
31:0
Base address register for Local Address Space 1
PCISVID
2C/2C
15:0
Subsystem Vendor ID Register
PCISID
2E/2E
15:0
Subsystem ID Register
31:0
Mode/Arbitration Register now accessible from PCI bus
21
Local Bus Direct Slave Give up Bus Mode
22
Direct Slave Lock Enable
23
PCI Request Mode
24
PCI Rev 2.1 Mode
25
PCI Read/No Write Mode
26
PCI Read with Write Flush Mode
27
Get the Local Bus Latency Timer with BREQ
MARBR
08, AC/88, 12C
28
PCI Read/No Flush Mode
BIGEND
0C/8C
7:0
Big/Little Endian Descriptor Register
EROMBA
14/94
5
BREQo Timer Resolution control
1:0
Local bus width now programmable in S mode
10
Read Prefetch Count Enable
14:11
Read Prefetch Count
17:16
Local bus width now programmable in S mode
LBRD0
18/98
25
Extra long serial EEPROM load bit
12, 3
Direct Master Read Prefetch Size Control
10, 8:5
Programmable Almost Full Flag increased by two bits
11
Direct Master Prefetch Limit
13
I/O Remap select
DMPBAM
28/A8
15:14
Direct Master Write Delay
LAS1RR
F0/170
31:0
Local Address Space 1 Range Register
LAS1BA
F4/174
31:0
Local Address Space 1 Local Base Address Register (Remap)
LBRD1
F8/178
31:0
Local Address Space 1 Bus Region Descriptor Register
MBOX0
40, 78/C0
31:0
MBOX0 moved to PCI address 78 when Messaging Queue is enabled
MBOX1
44, 7C/C4
31:0
MBOX1 moved to PCI address 7C when Messaging Queue is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com